Electronic Components Datasheet Search
  English  ▼

X  

TPS76301DBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76301DBVT
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76301DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS76301DBVT Datasheet HTML 7Page - Texas Instruments TPS76301DBVT Datasheet HTML 8Page - Texas Instruments TPS76301DBVT Datasheet HTML 9Page - Texas Instruments TPS76301DBVT Datasheet HTML 10Page - Texas Instruments TPS76301DBVT Datasheet HTML 11Page - Texas Instruments TPS76301DBVT Datasheet HTML 12Page - Texas Instruments TPS76301DBVT Datasheet HTML 13Page - Texas Instruments TPS76301DBVT Datasheet HTML 14Page - Texas Instruments TPS76301DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TPS76301, TPS76316, TPS76318, TPS76325, TPS76327
TPS76328, TPS76330, TPS76333, TPS76338, TPS76350
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SLVS181H − DECEMBER 1998 − REVISED JANUARY 2004
www.ti.com
11
TYPICAL CHARACTERISTICS
Figure 16
0.1
0.01
0
50
100
150
200
250
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE (CSR)(1)
vs
OUTPUT CURRENT
10
100
IO − Output Current − mA
1
Region of Instability
CO = 4.7 µF
TJ = 25°C
Region of Instability
Figure 17
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE (CSR)(1)
vs
ADDED CERAMIC CAPACITANCE
10
100
Added Ceramic Capacitance −
µF
0.6
0.7 0.8
0.9
1
1
Region of Instability
Region of Instability
I = 150 mA
CO = 4.7 µF
TJ = 25°C
Figure 18
0.1
0.01
0
50
100
150
200
250
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE (CSR)(1)
vs
OUTPUT CURRENT
10
100
IO − Output Current − mA
1
Region of Instability
Region of Instability
CO = 10 µF
Figure 19
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE (CSR)(1)
vs
ADDED CERAMIC CAPACITANCE
10
100
Added Ceramic Capacitance −
µF
1
0.6
0.7 0.8
0.9
1
CO = 10 µF
Region of Instability
Region of Instability
(1) CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace
resistance to CO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com