Electronic Components Datasheet Search
  English  ▼

X  

TAS5630 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630
Description  300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5630 Datasheet(HTML) 5 Page - Texas Instruments

  TAS5630 Datasheet HTML 1Page - Texas Instruments TAS5630 Datasheet HTML 2Page - Texas Instruments TAS5630 Datasheet HTML 3Page - Texas Instruments TAS5630 Datasheet HTML 4Page - Texas Instruments TAS5630 Datasheet HTML 5Page - Texas Instruments TAS5630 Datasheet HTML 6Page - Texas Instruments TAS5630 Datasheet HTML 7Page - Texas Instruments TAS5630 Datasheet HTML 8Page - Texas Instruments TAS5630 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TAS5630
www.ti.com ...................................................................................................................................................................................................... SLES220 – JUNE 2009
PIN FUNCTIONS
PIN
Function(1)
DESCRIPTION
NAME
PHD NO.
DKD NO.
AGND
8
10
P
Analog ground
BST_A
54
43
P
HS bootstrap supply (BST), external 0.033
µF capacitor to OUT_A required.
BST_B
41
34
P
HS bootstrap supply (BST), external 0.033
µF capacitor to OUT_B required.
BST_C
40
33
P
HS bootstrap supply (BST), external 0.033
µF capacitor to OUT_C required.
BST_D
27
24
P
HS bootstrap supply (BST), external 0.033
µF capacitor to OUT_D required.
CLIP
18
—
O
Clipping warning; open drain; active low
C_STARTUP
3
5
O
Startup ramp requires a charging capacitor of 4.7 nF to AGND in BTL mode
FREQ_ADJ
12
14
I
PWM frame rate programming pin requires resistor to AGND
7, 23, 24, 57,
GND
9
P
Ground
58
GND_A
48, 49
38
P
Power ground for half-bridge A
GND_B
46, 47
37
P
Power ground for half-bridge B
GND_C
34, 35
30
P
Power ground for half-bridge C
GND_D
32, 33
29
P
Power ground for half-bridge D
GVDD_A
55
—
P
Gate drive voltage supply requires 0.1
µF capacitor to GND_A
GVDD_B
56
—
P
Gate drive voltage supply requires 0.1
µF capacitor to GND_B
GVDD_C
25
—
P
Gate drive voltage supply requires 0.1
µF capacitor to GND_C
GVDD_D
26
—
P
Gate drive voltage supply requires 0.1
µF capacitor to GND_D
GVDD_AB
—
44
P
Gate drive voltage supply requires 0.22
µF capacitor to GND_A/GND_B
GVDD_CD
—
23
P
Gate drive voltage supply requires 0.22
µF capacitor to GND_C/GND_D
INPUT_A
4
6
I
Input signal for half bridge A
INPUT_B
5
7
I
Input signal for half bridge B
INPUT_C
10
12
I
Input signal for half bridge C
INPUT_D
11
13
I
Input signal for half bridge D
M1
20
20
I
Mode selection
M2
21
21
I
Mode selection
M3
22
22
I
Mode selection
NC
59–62
–
—
No connect, pins may be grounded.
Analog overcurrent programming pin requires resistor to AGND. 64 pin
OC_ADJ
1
3
O
package (PHD) = 22kOhm. 44 pin PSOP3 (DKD) = 24kOhm
OSC_IO+
13
15
I/O
Oscillator master/slave output/input.
OSC_IO–
14
16
I/O
Oscillator master/slave output/input.
OTW
—
18
O
Overtemperature warning signal, open drain, active low.
OTW1
16
—
O
Overtemperature warning signal, open drain, active low.
OTW2
17
—
O
Overtemperature warning signal, open drain, active low.
OUT_A
52, 53
39, 40
O
Output, half bridge A
OUT_B
44, 45
36
O
Output, half bridge B
OUT_C
36, 37
31
O
Output, half bridge C
OUT_D
28, 29
27, 28
O
Output, half bridge D
PSU_REF
63
1
P
PSU Reference requires close decoupling of 330 pF to AGND
Power supply input for half bridges A requires close decoupling of 0.01
µF
PVDD_A
50, 51
41, 42
P
capacitor in parallel with 2.2
µF capacitor to GND_A
Power supply input for half bridges B requires close decoupling of 0.01
µF
PVDD_B
42, 43
35
P
capacitor in parallel with 2.2
µF capacitor to GND_B
Power supply input for half bridges C requires close decoupling of 0.01
µF
PVDD_C
38, 39
32
P
capacitor in parallel with 2.2
µF capacitor to GND_C
(1)
I = Input, O = Output, P = Power
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS5630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com