Electronic Components Datasheet Search
  English  ▼

X  

TAS5630 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630
Description  300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5630 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5630 Datasheet HTML 10Page - Texas Instruments TAS5630 Datasheet HTML 11Page - Texas Instruments TAS5630 Datasheet HTML 12Page - Texas Instruments TAS5630 Datasheet HTML 13Page - Texas Instruments TAS5630 Datasheet HTML 14Page - Texas Instruments TAS5630 Datasheet HTML 15Page - Texas Instruments TAS5630 Datasheet HTML 16Page - Texas Instruments TAS5630 Datasheet HTML 17Page - Texas Instruments TAS5630 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
TYPICAL CHARACTERISTICS, SE CONFIGURATION
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20m
200m
1
2
5
10 20
50 100
P
-OutputPower-W
O
4 W
3 W
T =75°C
C
2 W
0
170
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
25
50
30
35
40
45
PVDD-SupplyVoltage-V
4 W
3 W
2 W
T =75°C
THD+Nat10%
C
0
180
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
10
120
20
30
40
50
60
70
80
90
100 110
THD+Nat10%
T -CaseTemperature-°C
C
4 W
3 W
2 W
TAS5630
SLES220 – JUNE 2009 ...................................................................................................................................................................................................... www.ti.com
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 8.
Figure 9.
OUTPUT POWER
vs
CASE TEMPERATURE
Figure 10.
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com