Electronic Components Datasheet Search
  English  ▼

X  

TAS5630 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630
Description  300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5630 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5630 Datasheet HTML 5Page - Texas Instruments TAS5630 Datasheet HTML 6Page - Texas Instruments TAS5630 Datasheet HTML 7Page - Texas Instruments TAS5630 Datasheet HTML 8Page - Texas Instruments TAS5630 Datasheet HTML 9Page - Texas Instruments TAS5630 Datasheet HTML 10Page - Texas Instruments TAS5630 Datasheet HTML 11Page - Texas Instruments TAS5630 Datasheet HTML 12Page - Texas Instruments TAS5630 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AUDIO CHARACTERISTICS (BTL)
AUDIO SPECIFICATION (Single-Ended Output)
TAS5630
www.ti.com ...................................................................................................................................................................................................... SLES220 – JUNE 2009
PCB and system configuration are in accordance with recommended guidelines. Audio frequency = 1kHz, PVDD_X = 50 V,
GVDD_X = 12 V, RL = 4Ω, fS = 400 kHz, ROC = 22 kΩ, TC = 75°C, Output Filter: LDEM = 7 µH, CDEM = 680 nF,
MODE = 010, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 4 Ω, 10% THD+N, clipped output signal
300
RL = 6 Ω, 10% THD+N, clipped output signal
210
RL = 8 Ω, 10% THD+N, clipped output signal
160
PO
Power output per channel
W
RL = 4 Ω, 1% THD+N, unclipped output signal
240
RL = 6 Ω, 1% THD+N, unclipped output signal
160
RL = 8 Ω, 1% THD+N, unclipped output signal
125
THD+N
Total harmonic distortion + noise
1 W
0.03%
A-weighted, AES17 filter, Input Capacitor
Vn
Output integrated noise
270
µV
Grounded
|VOS|
Output offset voltage
Inputs AC coupled to AGND
40
150
mV
SNR
Signal-to-noise ratio(1)
A-weighted, AES17 filter
100
dB
DNR
Dynamic range
A-weighted, AES17 filter
100
dB
Pidle
Power dissipation due to Idle losses (IPVDD_X)
PO = 0, 4 channels switching
(2)
2.7
W
(1)
SNR is calculated relative to 1% THD+N output level..
(2)
Actual system idle losses also are affected by core losses of output inductors.
PCB and system configuration are in accordance with recommended guidelines. Audio frequency = 1kHz, PVDD_X = 50 V,
GVDD_X = 12 V, RL = 4Ω, fS = 400 kHz, ROC = 22 kΩ, TC = 75°C, Output Filter: LDEM = 15 µH, CDEM = 470 µF,
MODE = 100, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
RL = 2 Ω, 10% THD+N, clipped output signal
145
RL = 3 Ω, 10% THD+N, clipped output signal
100
RL = 4 Ω, 10% THD+N, clipped output signal
75
PO
Power output per channel
RL = 2 Ω, 1% THD+N, unclipped output signal
110
W
RL = 3 Ω, 1% THD+N, unclipped output signal
75
RL = 4 Ω, 1% THD+N, unclipped output signal
55
THD+N
Total harmonic distortion + noise
1 W
0.07%
A-weighted, AES17 filter, Input Capacitor
µV
Vn
Output integrated noise
340
Grounded
SNR
Signal to noise ratio(1)
A-weighted, AES17 filter
93
dB
DNR
Dynamic range
A-weighted, AES17 filter
93
dB
Pidle
Power dissipation due to idle losses (IPVDD_X) PO = 0, 4 channels switching
(2)
2
W
(1)
SNR is calculated relative to 1% THD+N output level.
(2)
Actual system idle losses are affected by core losses of output inductors.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com