Electronic Components Datasheet Search
  English  ▼

X  

TAS5630 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630
Description  300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5630 Datasheet(HTML) 3 Page - Texas Instruments

  TAS5630 Datasheet HTML 1Page - Texas Instruments TAS5630 Datasheet HTML 2Page - Texas Instruments TAS5630 Datasheet HTML 3Page - Texas Instruments TAS5630 Datasheet HTML 4Page - Texas Instruments TAS5630 Datasheet HTML 5Page - Texas Instruments TAS5630 Datasheet HTML 6Page - Texas Instruments TAS5630 Datasheet HTML 7Page - Texas Instruments TAS5630 Datasheet HTML 8Page - Texas Instruments TAS5630 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
MODE SELECTION PINS
PACKAGE HEAT DISSIPATION RATINGS
(1)
TAS5630
www.ti.com ...................................................................................................................................................................................................... SLES220 – JUNE 2009
MODE PINS
OUTPUT
ANALOG INPUT
DESCRIPTION
CONFIGURATION
M3
M2
M1
0
0
0
Differential
2 × BTL
AD mode
0
0
1
—
—
Reserved
0
1
0
Differential
2 × BTL
BD mode
Differential Single
0
1
1
1 × BTL +2 ×SE
BD mode, BTL Differential
Ended
1
0
0
Single Ended
4 × SE
AD mode
INPUT_C (1)
INPUT_D (1)
1
0
1
Differential
1 × PBTL
0
0
AD mode
1
0
BD mode
1
1
0
Reserved
1
1
1
(1)
INPUT_C and D are used to select between a subset of AD and BD mode operations in PBTL mode (1=VREG and 0=AGND).
PARAMETER
TAS5630PHD
TAS5630DKD
RθJC (°C/W) – 2 BTL or 4 SE channels
2.63
1.4
RθJC (°C/W) – 1 BTL or 2 SE channel(s)
4.13
2.04
RθJC (°C/W) – 1 SE channel
6.45
3.45
Pad Area (2)
64 mm2
80 mm2
(1)
JC is junction-to-case, CH is case-to-heat sink
(2)
RθCH is an important consideration. Assume a 2-mil thickness of thermal grease with a thermal conductivity of 2.5 W/mK between the
pad area and the heat sink and both channels active. The RθCH with this condition is 1.1°C/W for the PHD package and 0.44°C/W for
the DKD package.
ORDERING INFORMATION(1)
TA
PACKAGE
DESCRIPTION
0°C–70°C
TAS5630PHD(2)
64 pin HTQFP
0°C–70°C
TAS5630DKD
44 pin PSOP3
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Product Preview
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TAS5630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com