Electronic Components Datasheet Search
  English  ▼

X  

TPS23754PWPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23754PWPR
Description  High Power/High Efficiency PoE Interface and DC/DC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23754PWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS23754PWPR Datasheet HTML 29Page - Texas Instruments TPS23754PWPR Datasheet HTML 30Page - Texas Instruments TPS23754PWPR Datasheet HTML 31Page - Texas Instruments TPS23754PWPR Datasheet HTML 32Page - Texas Instruments TPS23754PWPR Datasheet HTML 33Page - Texas Instruments TPS23754PWPR Datasheet HTML 34Page - Texas Instruments TPS23754PWPR Datasheet HTML 35Page - Texas Instruments TPS23754PWPR Datasheet HTML 36Page - Texas Instruments TPS23754PWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Special Switching MOSFET Considerations
Thermal Considerations and OTSD
Frequency Dithering for Conducted Emissions Control
+
-
6.04kW
10kW
301kW
1 F
m
V
B
To
FRS
ARTN
TL331IDBV
ESD
Layout
TPS23754
TPS23754-1
TPS23756
www.ti.com ....................................................................................................................................................... SLVS885B – OCTOBER 2008 – REVISED MAY 2009
Special care must be used in selecting the converter switching MOSFET. The TPS23756 minimum switching
MOSFET VGATE is ~5.5 V, which is due to the VC lower threshold. This will occur during an output overload, or
towards the end of a (failed) bootstrap startup. The MOSFET must be able to carry the anticipated peak fault
current at this gate voltage.
Sources of nearby local PCB heating should be considered during the thermal design. Typical calculations
assume that the TPS23754 is the only heat source contributing to the PCB temperature rise. It is possible for a
normally operating TPS23754 device to experience an OTSD event if it is excessively heated by a nearby
device.
The international standard CISPR 22 (and adopted versions) is often used as a requirement for conducted
emissions. Ethernet cables are covered as a telecommunication port under section 5.2 for conducted emissions.
Meeting EMI requirements is often a challenge, with the lower limits of Class B being especially hard. Circuit
board layout, filtering, and snubbing various nodes in the power circuit are the first layer of control techniques. A
more detailed discussion of EMI control is presented in Practical Guidelines to Designing an EMI Compliant PoE
Powered Device With Isolated Flyback, TI literature number SLUA469. Additionally, IEEE802.3-2005 sections
33.3 and 33.4 have requirements for noise injected onto the Ethernet cable based on compatibility with data
transmission.
Occasionally, a technique referred to as frequency dithering is utilized to provide additional EMI measurement
reduction. The switching frequency is modulated to spread the narrowband individual harmonics across a wider
bandwidth, thus lowering peak measurements. The circuit of Figure 37 modulates the switching frequency by
feeding a small ac signal into the FRS pin. These values may be adapted to suit individual needs.
Figure 37. Frequency Dithering
The TPS23754 has been tested to EN61000-4-2 using a power supply based on Figure 1. The levels used were
8 kV contact discharge and 15 kV air discharge. Surges were applied between the PoE input and the dc output,
between the adapter input and the dc output, between the adapter and the PoE inputs, and to the dc output with
respect to earth. Tests were done both powered and unpowered. No TPS23754 failures were observed and
operation was continuous. See Figure 29 for additional protection for some test configurations.
ESD requirements for a unit that incorporates the TPS23754 have a much broader scope and operational
implications than are used in TI’s testing. Unit-level requirements should not be confused with reference design
testing that only validates the ruggedness of the TPS23754.
Printed circuit board layout recommendations are provided in the evaluation module (EVM) documentation
available for these devices.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TPS23754 TPS23754-1 TPS23756



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com