Electronic Components Datasheet Search
  English  ▼

X  

TPS23754PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23754PWPR
Description  High Power/High Efficiency PoE Interface and DC/DC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23754PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS23754PWPR Datasheet HTML 1Page - Texas Instruments TPS23754PWPR Datasheet HTML 2Page - Texas Instruments TPS23754PWPR Datasheet HTML 3Page - Texas Instruments TPS23754PWPR Datasheet HTML 4Page - Texas Instruments TPS23754PWPR Datasheet HTML 5Page - Texas Instruments TPS23754PWPR Datasheet HTML 6Page - Texas Instruments TPS23754PWPR Datasheet HTML 7Page - Texas Instruments TPS23754PWPR Datasheet HTML 8Page - Texas Instruments TPS23754PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ABSOLUTE MAXIMUM RATINGS
(1) (2)
TPS23754
TPS23754-1
TPS23756
SLVS885B – OCTOBER 2008 – REVISED MAY 2009 ....................................................................................................................................................... www.ti.com
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields.
These circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to
MIL-STD-883C, Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than
maximum-rated voltages to these high-impedance circuits. During storage or handling the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriate
voltage level, preferably either the proper supply or ground. Specific guidelines for handling devices of this type are contained in
the publication Guidelines for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas
Instruments.
PRODUCT INFORMATION(1)
DUTY
POE UVLO
CONVERTER UVLO
STATUS
FEATURE
PACKAGE
MARKING
CYCLE
ON / HYST.
ON / HYST.
TPS23754PWP
Active
0–78%
35/4.5
15 / 6.5
PPD
TSSOP-20
TPS23754
PowerPAD™
TPS23754PWP-1
Active
0–78%
35/4.5
15 / 6.5
–
TSSOP-20
23754-1
PowerPAD™
TPS23756PWP
Active
0–78%
35/4.5
9 / 3.5
PPD
TSSOP-20
TPS23756
PowerPAD™
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Voltage with respect to VSS unless otherwise noted.
VALUE
UNIT
Input voltage range, ARTN(2), COM(2), DEN, PPD, RTN(3), VDD, VDD1
–0.3 to 100
V
Input voltage range CLS(4)
-0.3 to 6.5
V
Input voltage range [APD, BLNK(4), CTL, DT(4), FRS(4), VB(4)] to [ARTN, COM]
–0.3 to 6.5
V
Input voltage range CS to [ARTN,COM]
–0.3 to VB
V
Input voltage range [ARTN, COM] to RTN
–2 to 2
V
Voltage range VC, T2P, to [ARTN, COM]
–0.3 to 19
V
Voltage range GATE(4), GAT2(4) to [ARTN, COM]
–0.3 to VC+0.3
V
Sinking current RTN
Internally limited
mA
Sourcing current VB
Internally limited
mA
Average Sourcing or sinking current, GATE, GAT2
25
mArms
ESD rating, HBM
2
kV
ESD rating, CDM
500
V
ESD – system level (contact/air) at RJ-45(5)
8 / 15
kV
Operating junction temperature range, TJ
–40 to Internally limited
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
ARTN and COM must be tied to RTN.
(3)
IRTN = 0 for VRTN > 80V.
(4)
Do not apply voltage to these pins
(5)
ESD per EN61000-4-2. A power supply containing the TPS23754 was subjected to the highest test levels in the standard. See the ESD
section.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS23754 TPS23754-1 TPS23756



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com