Electronic Components Datasheet Search
  English  ▼

X  

TPS23754PWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23754PWPR
Description  High Power/High Efficiency PoE Interface and DC/DC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23754PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS23754PWPR Datasheet HTML 17Page - Texas Instruments TPS23754PWPR Datasheet HTML 18Page - Texas Instruments TPS23754PWPR Datasheet HTML 19Page - Texas Instruments TPS23754PWPR Datasheet HTML 20Page - Texas Instruments TPS23754PWPR Datasheet HTML 21Page - Texas Instruments TPS23754PWPR Datasheet HTML 22Page - Texas Instruments TPS23754PWPR Datasheet HTML 23Page - Texas Instruments TPS23754PWPR Datasheet HTML 24Page - Texas Instruments TPS23754PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
t-Time-200 s/div
m
I PI
16VInputstep
V RTN-VSS
V VDD-VSS
CIN completescharge
whileconverteroperates
RecoveryfromPIdropout
VRTN <12V@400 s
m
Converter Controller Features
TPS23754
TPS23754-1
TPS23756
www.ti.com ....................................................................................................................................................... SLVS885B – OCTOBER 2008 – REVISED MAY 2009
causing a PD reset, provided that recovery lies within the bounds of the hotswap and PSE protection. Figure 26
shows an example of recovery from a 16 V PSE rising voltage step. The hotswap MOSFET goes into current
limit, overshooting to a relatively low current, recovers to ~950 mA full current limit, and charges the input
capacitor while the converter continues to run. The MOSFET did not go into foldback because VRTN-VVSS was
below 12 V after the 400
µs deglitch.
Figure 26. Response to PSE Step Voltage
The PD control has a thermal sensor that protects the internal hotswap MOSFET. Conditions like startup or
operation into a VDD to RTN short cause high power dissipation in the MOSFET. An over-temperature shutdown
(OTSD) turns off the hotswap MOSFET and class regulator, which are restarted after the device cools. The
hotswap MOSFET will be re-enabled with the inrush current limit when exiting from an over-temperature event.
Pulling DEN to VSS during powered operation causes the internal hotswap MOSFET to turn off. This feature
allows a PD with Option three ORing per Figure 27 to achieve adapter priority. Care must be taken with
synchronous converter topologies that can deliver power in both directions.
The hotswap switch will be forced off under the following conditions:
1. VAPD above VAPDEN (~1.5 V)
2. VDEN < VPD-DIS when VVDD– VVSS is in the operational range
3. PD over-temperature
4. (VVDD– VVSS) < PoE UVLO (~30.5 V).
The TPS23754 dc/dc controller implements a typical current-mode control as shown in the Functional Block
Diagram. Features include oscillator, over-current and PWM comparators, current-sense blanker, dead-time
control, softstart, and gate driver. In addition, an internal slope-compensation ramp generator, frequency
synchronization logic, thermal shutdown, and startup current source with control are provided.
The TPS23754 is optimized for isolated converters, and does not provide an internal error amplifier. Instead, the
optocoupler feedback is directly fed to the CTL pin which serves as a current-demand control for the PWM.
There is an offset of VZDC (~1.5 V) and 2:1 resistor divider between the CTL pin and the PWM. A VCTL below
VZDC will stop converter switching, while voltages above (VZDC + (2 × VCSMAX)) will not increase the requested
peak current in the switching MOSFET. Optocoupler biasing design is eased by this limited control range.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS23754 TPS23754-1 TPS23756



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com