Electronic Components Datasheet Search
  English  ▼

X  

TPS23754PWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23754PWPR
Description  High Power/High Efficiency PoE Interface and DC/DC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23754PWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS23754PWPR Datasheet HTML 12Page - Texas Instruments TPS23754PWPR Datasheet HTML 13Page - Texas Instruments TPS23754PWPR Datasheet HTML 14Page - Texas Instruments TPS23754PWPR Datasheet HTML 15Page - Texas Instruments TPS23754PWPR Datasheet HTML 16Page - Texas Instruments TPS23754PWPR Datasheet HTML 17Page - Texas Instruments TPS23754PWPR Datasheet HTML 18Page - Texas Instruments TPS23754PWPR Datasheet HTML 19Page - Texas Instruments TPS23754PWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
57
42
37
30
20.5
14.5
10.1
2.7
Detect
Classify
Shut-
down
PIVoltage(V)
0
Mark
6.9
NormalOperation
NormalOperation
42.5
TPS23754
TPS23754-1
TPS23756
SLVS885B – OCTOBER 2008 – REVISED MAY 2009 ....................................................................................................................................................... www.ti.com
The IEEE 802.3-2005 (802.3at) standard defines a method of safely powering a PD (powered device) over a
cable by power sourcing equipment (PSE), and then removing power if a PD is disconnected. The process
proceeds through an idle state and three operational states of detection, classification, and operation. The PSE
leaves the cable unpowered (idle state) while it periodically looks to see if something has been plugged in; this is
referred to as detection. The low power levels used during detection are unlikely to damage devices not designed
for PoE. If a valid PD signature is present, the PSE my inquire how much power the PD requires; this is referred
to as classification. The PSE may then power the PD if it has adequate capacity.
Type 2 PSEs are required to do type 1 hardware classification plus a (new) data-layer classification, or an
enhanced type 2 hardware classification. Type 1 PSEs are not required to do hardware or data link layer (DLL)
classification. A type 2 PD must do type 2 hardware classification as well as DLL classification. The PD may
return the default 12.95W (often referred to as 13W) current-encoded class, or one of four other choices. DLL
classification occurs after power-on and the ethernet data link has been established.
Once started, the PD must present the maintain power signature (MPS) to assure the PSE that it is still present.
The PSE monitors its output for a valid MPS, and turns the port off if it loses the MPS. Loss of the MPS returns
the PSE to the idle state. Figure 21 shows the operational states as a function of PD input voltage. The upper
half is for IEEE 802.3-2005, and the lower half shows specific differences for IEEE 802.3at. The dashed lines in
the lower half indicate these are the same (e.g., Detect and Class) for both.
Figure 21. Operational States for PD
The PD input, typically an RJ-45 eight-lead connector, is referred to as the power interface (PI). PD input
requirements differ from PSE output requirements to account for voltage drops and operating margin. The
standard allots the maximum loss to the cable regardless of the actual installation to simplify implementation.
IEEE 802.3-2005 was designed to run over infrastructure including ISO/IEC 11801 class C (CAT3 per
TIA/EIA-568) that may have had AWG 26 conductors. IEEE 802.3at cabling power loss allotments and voltage
drops have been adjusted for 12.5
Ω power loops per ISO/IEC11801 class D (CAT5 or higher per TIA/EIA-568,
typically AWG #24 conductors). Table 2 shows key operational limits broken out for the two revisions of the
standard.
Table 2. Comparison of Operational Limits
POWER LOOP
PSE
PSE STATIC
PD INPUT
STATIC PD INPUT VOLTAGE
RESISTANCE
OUTPUT POWER
OUTPUT VOLTAGE
POWER
STANDARD
POWER
≤
POWER >
(max)
(min)
(min)
(max)
12.95 W
12.95 W
'2005
20
Ω
15.4 W
44 V
12.95 W
37 V–57 V
N/A
802.3at
12.5
Ω
36 W
50 V
25.5 W
37 V–57 V
42.5 V–57 V
16
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS23754 TPS23754-1 TPS23756



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com