Electronic Components Datasheet Search
  English  ▼

X  

TPS65192 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65192
Description  9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65192 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65192 Datasheet HTML 6Page - Texas Instruments TPS65192 Datasheet HTML 7Page - Texas Instruments TPS65192 Datasheet HTML 8Page - Texas Instruments TPS65192 Datasheet HTML 9Page - Texas Instruments TPS65192 Datasheet HTML 10Page - Texas Instruments TPS65192 Datasheet HTML 11Page - Texas Instruments TPS65192 Datasheet HTML 12Page - Texas Instruments TPS65192 Datasheet HTML 13Page - Texas Instruments TPS65192 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
10
20
30
40
50
60
70
80
90
100
CHANNELS8-9
CHANNELS1-7
2
1.75
1.5
1.25
1
0.75
0.5
0.25
0
OutputCurrent
mA
–
0
10
20
30
40
50
60
70
80
90
100
DETAILED DESCRIPTION
LEVEL SHIFTERS
Q1
Q2
Channel
Control
VGH1
OUTx ToLCDPanel
RE
VGL
Q3
RE
INx
FLKx
FromTiming
Controller
TPS65192
SLVS962 – JULY 2009 ....................................................................................................................................................................................................... www.ti.com
OUTPUT VOLTAGE DROP (LOW) vs OUTPUT CURRENT
Figure 17.
The 9 level shifter channels in the TPS65192 are divided into two groups. Channels 1 through 7 are powered
from VGH1 and VGL, channels 8 and 9 are powered from VGH2 and VGL. Channels 1 to 6 support gate shaping and
channels 7 through 9 do not (see the block diagram on page 1).
Figure 18 contains a simplified block diagram of one channel with gate voltage shaping.
Figure 18. Level Shifter Channel With Gate Voltage Shaping
On the rising edge of IN, Q1 turns on, Q2 and Q3 turn off, and OUT is driven to VGH1. On the falling edge of FLK,
Q1 turns off, Q3 is turned on, and the panel now discharges through Q3 and RE (see Figure 19). On the falling
edge of IN, Q2 turns on and Q3 turns off, and OUT is driven to VGL. This sequence is repeated in turn for each
channel.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com