Electronic Components Datasheet Search
  English  ▼

X  

TPS65192 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65192
Description  9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65192 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS65192 Datasheet HTML 11Page - Texas Instruments TPS65192 Datasheet HTML 12Page - Texas Instruments TPS65192 Datasheet HTML 13Page - Texas Instruments TPS65192 Datasheet HTML 14Page - Texas Instruments TPS65192 Datasheet HTML 15Page - Texas Instruments TPS65192 Datasheet HTML 16Page - Texas Instruments TPS65192 Datasheet HTML 17Page - Texas Instruments TPS65192 Datasheet HTML 18Page - Texas Instruments TPS65192 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TPS65192
www.ti.com ....................................................................................................................................................................................................... SLVS962 – JULY 2009
Figure 26. Recommended Thermal Via Spacing
The thermal vias should make their connection to the bottom (or internal) copper plane with a complete
connection around the entire circumference of the plated through hole, and a ring of exposed copper (0.05mm
wide) around the vias at the bottom of the copper plane. It is not recommended to cover the vias with solder
mask as this can cause excessive voiding, and nor is it recommended to use a thermal relief web or spoke
connection as this impedes the conduction path to the other layers (see Figure 27).
Figure 27. Thermal Via Connection at the Bottom Layer
In any design, the copper areas used as heat sinks should be made as large as possible.
The power pad of the TPS65192 is electrically connected to VGL and therefore must not be connected to
the PCB’s ground plane.
For more detailed information concerning the thermal performance of QFN packages and recommendations
about how to mount the ICs on a PCB, refer to the following application reports:
SLOA122
QFN Layout Guidelines
SLUA271A
QFN/SON PCB Attachment
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TPS65192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com