Electronic Components Datasheet Search
  English  ▼

X  

TPS65192 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65192
Description  9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65192 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS65192 Datasheet HTML 12Page - Texas Instruments TPS65192 Datasheet HTML 13Page - Texas Instruments TPS65192 Datasheet HTML 14Page - Texas Instruments TPS65192 Datasheet HTML 15Page - Texas Instruments TPS65192 Datasheet HTML 16Page - Texas Instruments TPS65192 Datasheet HTML 17Page - Texas Instruments TPS65192 Datasheet HTML 18Page - Texas Instruments TPS65192 Datasheet HTML 19Page - Texas Instruments TPS65192 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
APPLICATION CIRCUITS
RE
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
IN9
OUT8
OUT9
VGL
VGH2
VGH1
FLK1
DISCHARGE
VSENSE
GND
CLK1
CLK2
CLK3
CLK4
CLK5
CLK6
START
ODD
EVEN
FLK
VIN
1k
-7V
+27V
+27V
CLK1
CLK2
CLK3
CLK4
CLK5
CLK6
START
ODD
EVEN
DISCHARGE
FromT-CON
ToPanel
FLK2
FLK3
100nF
10µF
100nF
10µF
100nF
10µF
20k
100k
TPS65192
SLVS962 – JULY 2009 ....................................................................................................................................................................................................... www.ti.com
Figure 28. Typical 6-Phase HD TV Application with One Flicker Clock
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com