Electronic Components Datasheet Search
  English  ▼

X  

TPS65192 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65192
Description  9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65192 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS65192 Datasheet HTML 8Page - Texas Instruments TPS65192 Datasheet HTML 9Page - Texas Instruments TPS65192 Datasheet HTML 10Page - Texas Instruments TPS65192 Datasheet HTML 11Page - Texas Instruments TPS65192 Datasheet HTML 12Page - Texas Instruments TPS65192 Datasheet HTML 13Page - Texas Instruments TPS65192 Datasheet HTML 14Page - Texas Instruments TPS65192 Datasheet HTML 15Page - Texas Instruments TPS65192 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
IN1
IN2
IN3
IN4
IN5
IN6
IN1
IN2
IN3
IN4
IN5
IN6
TPS65192
SLVS962 – JULY 2009 ....................................................................................................................................................................................................... www.ti.com
In 6-phase applications where three signals control gate voltage shaping for six CLK channels, the flicker clock
for channels 1 and 4 should be connected to FLK1, the flicker clock for channels 2 and 5 connected to FLK2,
and the flicker clock for channels 3 and 6 connected to FLK3.
In 4-phase applications where two signals control gate voltage shaping for four CLK channels, the flicker clock
for phases 1 and 3 should be connected to FLK1, the flicker clock for phases 2 and 4 connected to FLK2, and
the unused pin FLK3 connected to GND. The unused pins IN 3 and IN6 should be connected to VLOGIC.
Alternatively, IN3 can be connected to IN2 and IN6 connected to IN5; this arrangement can simplify PCB layout.
Typical schematics for each of the above cases are included in the Applications section of this data sheet.
Gate voltage shaping is started by the falling edge of the FLK signal(s), which must occur during a valid part of
the clock waveform. For 6-phase systems, this means the last 60° of the clock waveform; for 4-phase systems,
this means the last 90° of the clock waveform (see Figure 21 and Figure 22). Falling edges of the FLK signal(s)
occurring outside the valid part of the clock waveform are ignored. The rising edge of the FLK signal(s) has no
effect, regardless of when it occurs.
Note that gate voltage shaping is disabled when the voltage applied to the VSENSE pin is less than VREF.
Figure 21. FLK Falling Edge Validity, 6-Phase Applications
Figure 22. FLK Falling Edge Validity, 4-Phase Applications
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com