Electronic Components Datasheet Search
  English  ▼

X  

TPS65192 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65192
Description  9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65192 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS65192 Datasheet HTML 10Page - Texas Instruments TPS65192 Datasheet HTML 11Page - Texas Instruments TPS65192 Datasheet HTML 12Page - Texas Instruments TPS65192 Datasheet HTML 13Page - Texas Instruments TPS65192 Datasheet HTML 14Page - Texas Instruments TPS65192 Datasheet HTML 15Page - Texas Instruments TPS65192 Datasheet HTML 16Page - Texas Instruments TPS65192 Datasheet HTML 17Page - Texas Instruments TPS65192 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
APPLICATION INFORMATION
Power Supply Decoupling
PCB LAYOUT
TPS65192
SLVS962 – JULY 2009 ....................................................................................................................................................................................................... www.ti.com
For proper performance, it is recommended that each power supply rail be decoupled with high quality ceramic
decoupling capacitors placed as close to the IC supply pins as possible. The exact values used should be
optimized for each application, but a parallel combination of 10
µF and 100nF is a good place to start.
The output stages of the TPS65192 are capable of sinking and sourcing high peak currents – greater than
500mA in typical applications – and care must be taken during PCB layout to ensure that this performance can
be achieved in practice. In particular, the high rates of change of current occurring at the rising and falling edges
of each output require stray inductance to be minimized. This is most easily achieved by routing the output
signals using short, wide PCB tracks (as far as this is possible) and using a low impedance ground plane on the
other side of the board to conduct return currents. Tracks between the decoupling capacitors and the
corresponding power supply pins should also be kept short and wide as possible.
PCB layout must also be adequate from a thermal as well as electrical point of view. The TPS65192 is supplied
in a 28-pin QFN package designed to eliminate the need for heat sinks to dissipate the power generated in the
IC. The package, shown in Figure 25, is designed so that the lead-frame die pad is exposed on the bottom of the
IC, thereby providing an extremely low thermal resistance path between the die and the exterior of the package
(RθJC).
Figure 25. Section View of a QFN Package
Copper areas in and on a PCB act as heat sinks for the QFN device; however, signal routing typically restricts
access to the power pad on the top layer of the PCB. In typical applications, therefore, the main copper area
used to conduct heat away from the IC is on the bottom layer.
TI recommends placing thermal vias in the solder mask defined thermal pad to transfer heat from the top layer of
the PCB to the inner or bottom layer used for heat sinking. The recommended via diameter is 0.3mm or less, and
via spacing 1mm (see Figure 26). For the 5 × 5 mm QFN package used for the TPS65192, five thermal vias are
typically used.
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com