Electronic Components Datasheet Search
  English  ▼

X  

XCM519 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XCM519
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XCM519 Datasheet HTML 5Page - Torex Semiconductor XCM519 Datasheet HTML 6Page - Torex Semiconductor XCM519 Datasheet HTML 7Page - Torex Semiconductor XCM519 Datasheet HTML 8Page - Torex Semiconductor XCM519 Datasheet HTML 9Page - Torex Semiconductor XCM519 Datasheet HTML 10Page - Torex Semiconductor XCM519 Datasheet HTML 11Page - Torex Semiconductor XCM519 Datasheet HTML 12Page - Torex Semiconductor XCM519 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
9/49
XCM519
Series
■ELECTRICAL CHARACTERISTICS (Continued)
●PFM Switching Current (IPFM) by Oscillation Frequency and Output Voltage
1.2MHz
(mA)
SETTING VOLTAGE
MIN.
TYP.
MAX.
VDCOUT(E)≦1.2V
140
180
240
1.2V<VDCOUT(E)≦1.75V
130
170
220
1.8V≦VDCOUT(E)
120
160
200
3.0MHz
(mA)
SETTING VOLTAGE
MIN.
TYP.
MAX.
VDCOUT(E)≦1.2V
190
260
350
1.2V<VDCOUT(E)≦1.75V
180
240
300
1.8V≦VDCOUT(E)
170
220
270
●Measuring Maximum IPFM Limit, VIN Voltage
fOSC
1.2MHz
3.0MHz
(C-1)
VDCOUT(E)+0.5V
VDCOUT(E)+1.0V
Minimum operating voltage is 2.7V
ex.) Although when VDCOUT(E)=1.2V, fOSC=1.2MHz, (C-1)=1.7V the (C-1) becomes 2.7V because of the minimum operating voltage 2.7V.
●Soft-Start Time Chart (XCM519xC/ XCM519xD Series Only)
PRODUCT SERIES
fOSC
OUTPUT VOLTAGE
MIN.
TYP.
MAX.
1200kHz
0.8≦VDCOUT(E)<1.5
-
250
400μs
1200kHz
1.5≦VDCOUT(E)<1.8
-
320
500μs
1200kHz
1.8≦VDCOUT(E)<2.5
-
250
400μs
XCM519AC
1200kHz
2.5≦VDCOUT(E)<4.0
-
320
500μs
1200kHz
0.8≦VDCOUT(E)<2.5
-
250
400μs
XCM519BC
1200kHz
2.5≦VDCOUT(E)<4.0
-
320
500μs
3000kHz
0.8≦VDCOUT(E)<1.8
-
250
400μs
XCM519xD
3000kHz
1.8≦VDCOUT(E)<4.0
-
320
500μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com