Electronic Components Datasheet Search
  English  ▼

X  

XCM519 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XCM519
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XCM519 Datasheet HTML 15Page - Torex Semiconductor XCM519 Datasheet HTML 16Page - Torex Semiconductor XCM519 Datasheet HTML 17Page - Torex Semiconductor XCM519 Datasheet HTML 18Page - Torex Semiconductor XCM519 Datasheet HTML 19Page - Torex Semiconductor XCM519 Datasheet HTML 20Page - Torex Semiconductor XCM519 Datasheet HTML 21Page - Torex Semiconductor XCM519 Datasheet HTML 22Page - Torex Semiconductor XCM519 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
19/49
XCM519
Series
■OPERATIONAL EXPLANATION (Continued)
●Voltage Regulator BLOCK
The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The N-channel
MOSFET which is connected to the VROUT pin is then driven by the subsequent output signal. The output voltage at the VROUT pin
is controlled & stabilized by a system of negative feedback.
VBIAS pin is power supply pin for output voltage control circuit, protection circuit and CE circuit. When output current increase,
the VBIAS pin supplies output current also. VIN2 pin is connected to a driver transistor and provides output current.
In order to obtain high efficient output current through low on-resistance, please take enough Vgs (=VBIAS – VROUT (T)) of the driver
transistor. Output current triggers operation of constant current limiter and fold-back circuit, heat generation triggers operation of
thermal shutdown circuit, the driver transistor circuit is forced OFF when VBIAS or VIN2 voltage goes lower than UVLO voltage.
Further, the IC's internal circuitry can be shutdown via the EN2 pin's signal.
Figure 1: XC6601B Series
<Low ESR Capacitor>
With the XCM519 series, a stable output voltage is achievable even if used with low ESR capacitors, as a phase compensation
circuit is built-in. The output capacitor (CL2) should be connected as close to VROUT pin and VSS pin to obtain stable phase
compensation. Values required for the phase compensation are as the table below.
For a stable power input, please connect an bias capacitor (CBIAS ) of 1.0μF between the VBIAS pin and the VSS pin. Also, please
connect an input capacitor (CIN2) of 1.0μF between the VIN2 pin and the VSS pin. In order to ensure the stable phase
compensation while avoiding run-out of values, please use the capacitor (CBIAS, CIN2, CL2 ) which does not depend on bias or
temperature too much. The table below shows recommended values of CBIAS, CIN, CL.
Recommended Values of CBIAS, CIN2, CL2
BIAS CAPACITOR
INPUT CAPACITOR
OUTPUT CAPACITOR
NOMINAL
VOLTAGE
CBIAS
CIN2
CL2
0.7V~1.8V
CBIAS=1.0μF
CIN2=1.0μF
CL2=4.7μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com