Electronic Components Datasheet Search
  English  ▼

X  

XCM519 Datasheet(PDF) 22 Page - Torex Semiconductor

Part # XCM519
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519 Datasheet(HTML) 22 Page - Torex Semiconductor

Back Button XCM519 Datasheet HTML 18Page - Torex Semiconductor XCM519 Datasheet HTML 19Page - Torex Semiconductor XCM519 Datasheet HTML 20Page - Torex Semiconductor XCM519 Datasheet HTML 21Page - Torex Semiconductor XCM519 Datasheet HTML 22Page - Torex Semiconductor XCM519 Datasheet HTML 23Page - Torex Semiconductor XCM519 Datasheet HTML 24Page - Torex Semiconductor XCM519 Datasheet HTML 25Page - Torex Semiconductor XCM519 Datasheet HTML 26Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
22/49
XCM519 Series
■NOTE ON USE (Continued)
5.
When the input-output voltage differential is small in the DC/DC converter and heavy load condition, a duty cycle is getting
large and keeps the 100% duty cycle in a several period cycles. At the time of duty cycle transition to 100% or from 100%,
noise may appear on the voltage regulator output. Please evaluate this on the actual design board when the condition is
in small input-output voltage differential and heavy load.
6.
When the load is changed at the DC/DC converter, ringing may happen in some load conditions of DC/DC and VR at the
timing of turn on and turn off. The ringing can be reduced by increasing CIN1 capacitance or placing a resistor over 10kΩ
between VIN1 and VBIAS pins.
7.
In order to turn off the input voltage, the EN2 pin should be turned off first. If the input voltage is turned off with keeping VR
operation, the VROUT voltage goes up instantaneously as a result of the VR bias voltage transient.
8.
When the DCOUT pin is connected to the VIN2 pin and the bias voltage (VBIAS) is taken from the other power supply, EN1
and EN2 should be started up 10μs later than VBIAS. If EN1 and EN2 is turned on within 10μs, inrush current like 1A may
happen which result in starting the DC/DC short-circuit protection.
9.
It is recommended to test this in the actual product design board.
<DC/DC BLOCK>
1. The XCM519 series is designed for use with ceramic output capacitors. If, however, the potential difference is too large
between the input voltage and the output voltage, a ceramic capacitor may fail to absorb the resulting high switching
energy and oscillation could occur on the output. If the input-output potential difference is large, connect an electrolytic
capacitor in parallel to compensate for insufficient capacitance.
2. Spike noise and ripple voltage arise in a switching regulator as with a DC/DC converter. These are greatly influenced by
external component selection, such as the coil inductance, capacitance values, and board layout of external components.
Once the design has been completed, verification with actual components should be done.
3.
As a result of input-output voltage and load conditions, oscillation frequency goes to 1/2, 1/3, and continues, then a ripple
may increase.
4.
When input-output voltage differential is large and light load conditions, a small duty cycle comes out. After that, 0%duty
cycle may continue in several periods.
5.
When input-output voltage differential is small and heavy load conditions, a large duty cycle comes out and may
continues100% duty cycle in several periods.
6. With the IC, the peak current of the coil is controlled by the current limit circuit. Since the peak current increases when
dropout voltage or load current is high, current limit starts operation, and this can lead to instability. When peak current
becomes high, please adjust the coil inductance value and fully check the circuit operation. In addition, please calculate
the peak current according to the following formula:
Ipk = (VIN1-VDCOUT)× OnDuty /(2×L×fOSC) + IOUT
L: Coil Inductance Value
fOSC: Oscillation Frequency
200us/div
VIN(5V/div)
DCOUT(500mV/div)
VROUT(500mV/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com