Electronic Components Datasheet Search
  English  ▼

X  

XCM519 Datasheet(PDF) 45 Page - Torex Semiconductor

Part # XCM519
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519 Datasheet(HTML) 45 Page - Torex Semiconductor

Back Button XCM519 Datasheet HTML 41Page - Torex Semiconductor XCM519 Datasheet HTML 42Page - Torex Semiconductor XCM519 Datasheet HTML 43Page - Torex Semiconductor XCM519 Datasheet HTML 44Page - Torex Semiconductor XCM519 Datasheet HTML 45Page - Torex Semiconductor XCM519 Datasheet HTML 46Page - Torex Semiconductor XCM519 Datasheet HTML 47Page - Torex Semiconductor XCM519 Datasheet HTML 48Page - Torex Semiconductor XCM519 Datasheet HTML 49Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
45/49
XCM519
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(13) CE Rising Response Time
Time (100μs / div)
Time (100μs / div)
Time (100μs / div)
Time (100μs / div)
Time (100μs / div)
Time (100μs / div)
VR
OUT=0.7V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (100usec/div)
-2
-1
0
1
2
3
4
EN2 Input Voltage
Output Voltage
CIN2=CBIAS=1.0μF(ceramic), CL2=4.7μF(ceramic)
VIN2=1.0V, VBIAS=3.6V, IOUT=30mA, tr=tf=5.0μsec, Ta=25℃
VR
OUT=1.2V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (100usec/div)
-2
-1
0
1
2
3
4
EN2 Input Voltage
Output Voltage
CIN2=CBIAS=1.0μF(ceramic), CL2=4.7μF(ceramic)
VIN2=1.5V, VBIAS=3.6V, IOUT=30mA, tr=tf=5.0μsec, Ta=25℃
VR
OUT=1.8V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (100usec/div)
-2
-1
0
1
2
3
4
EN2 Input Voltage
Output Voltage
CIN2=CBIAS=1.0μF(ceramic), CL2=4.7μF(ceramic)
VIN2=2.1V, VBIAS=3.6V, IOUT=30mA, tr=tf=5.0μsec, Ta=25℃
VR
OUT=0.7V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (100usec/div)
-2
-1
0
1
2
3
4
EN2 Input Voltage
Output Voltage
CIN2=CBIAS=1.0μF(ceramic), CL2=4.7μF(ceramic)
VIN2=1.0V, VBIAS=3.6V, IOUT=200mA, tr=tf=5.0μsec, Ta=25℃
VR
OUT=1.2V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (100usec/div)
-2
-1
0
1
2
3
4
EN2 Input Voltage
Output Voltage
CIN2=CBIAS=1.0μF(ceramic), CL2=4.7μF(ceramic)
VIN2=1.5V, VBIAS=3.6V, IOUT=200mA, tr=tf=5.0μsec, Ta=25℃
VR
OUT=1.8V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (100usec/div)
-2
-1
0
1
2
3
4
EN2 Input Voltage
Output Voltage
CIN2=CBIAS=1.0μF(ceramic), CL2=4.7μF(ceramic)
VIN2=2.1V, VBIAS=3.6V, IOUT=200mA, tr=tf=5.0μsec, Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com