Electronic Components Datasheet Search
  English  ▼

X  

XCM519 Datasheet(PDF) 29 Page - Torex Semiconductor

Part # XCM519
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519 Datasheet(HTML) 29 Page - Torex Semiconductor

Back Button XCM519 Datasheet HTML 25Page - Torex Semiconductor XCM519 Datasheet HTML 26Page - Torex Semiconductor XCM519 Datasheet HTML 27Page - Torex Semiconductor XCM519 Datasheet HTML 28Page - Torex Semiconductor XCM519 Datasheet HTML 29Page - Torex Semiconductor XCM519 Datasheet HTML 30Page - Torex Semiconductor XCM519 Datasheet HTML 31Page - Torex Semiconductor XCM519 Datasheet HTML 32Page - Torex Semiconductor XCM519 Datasheet HTML 33Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
29/49
XCM519
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) EN "H" Voltage vs. Ambient Temperature
(9)EN" L" Voltage vs. Ambient Temperature
DCOUT=1.8V,3.0MHz
DCOUT=1.8V,3.0MHz
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=5.0V
VIN=3.6V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=5.0V
VIN=3.6V
(10) Soft Start Time vs. Ambient Temperature
DCOUT=1.8V,3.0MHz
DCOUT=1.8V,3.0MHz
L=4.7μH(NR4018), CIN1=10μF, CL1=10μF
L=1.5μH(NR3015), CIN1=10μF, CL1=10μF
0
1
2
3
4
5
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=3.6V
0
1
2
3
4
5
-50
-25
0
255075
100
Ambient Temperature: Ta (℃)
VIN=3.6V
(11) "Pch / Nch" Driver on Resistance vs. Input Voltage
DCOUT=1.8V,3.0MHz
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
012
34
56
Input Voltage : VIN (V)
Pch on Resistance
Nch on Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com