Electronic Components Datasheet Search
  English  ▼

X  

XCM519 Datasheet(PDF) 48 Page - Torex Semiconductor

Part # XCM519
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519 Datasheet(HTML) 48 Page - Torex Semiconductor

Back Button XCM519 Datasheet HTML 41Page - Torex Semiconductor XCM519 Datasheet HTML 42Page - Torex Semiconductor XCM519 Datasheet HTML 43Page - Torex Semiconductor XCM519 Datasheet HTML 44Page - Torex Semiconductor XCM519 Datasheet HTML 45Page - Torex Semiconductor XCM519 Datasheet HTML 46Page - Torex Semiconductor XCM519 Datasheet HTML 47Page - Torex Semiconductor XCM519 Datasheet HTML 48Page - Torex Semiconductor XCM519 Datasheet HTML 49Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
48/49
XCM519 Series
●USP-12B01
●USP-12B01 Reference Pattern Layout
●USP-12B01 Reference Metal Mask Design
■PACKAGING INFORMATION
20/ 1
単位
:mm
12
345
6
7
8
9
11
12
1 0
■外部 リー ド処理 :Au m in0 .3um
※端子側面はニッケルで、Auめっきされておりま
せん。
※端子1は他端子に比べ太 くなっています。
0.25±0 .05
0.2±0 .05
0.2±0 .05
0.2±0 .05
0.2±0 .05
0.2±0 .05
1234
567 8
2.8±0.08
1.2±0.1
1 .2±0 .1
(0 .4 )(0 .4 ) (0 .4 )(0 .4 )
(0 .4 )
(0 .15 )
(0 .25 )
0.7±0 .05
0.7±0 .05
0.25 0.25
0.65
0.65
0.90
1.35
0.90
1.35
0.45
0.45
0.20
0.20
0.50
0.55
0.95
1.30
0.55
0.95
1.30
0.25
0.25
0.35
0.35
0.15
0.15
0.40
* Au plate thickness: Minimum 0.3 μm
*The side of pins is not plated, nickel is exposed.
*Pin #1 is wider than other pins.
UNIT: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com