Electronic Components Datasheet Search
  English  ▼

X  

DM220 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # DM220
Description  Pocket Autoranging DMM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

DM220 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

Back Button DM220 Datasheet HTML 2Page - Extech Instruments Corporation. DM220 Datasheet HTML 3Page - Extech Instruments Corporation. DM220 Datasheet HTML 4Page - Extech Instruments Corporation. DM220 Datasheet HTML 5Page - Extech Instruments Corporation. DM220 Datasheet HTML 6Page - Extech Instruments Corporation. DM220 Datasheet HTML 7Page - Extech Instruments Corporation. DM220 Datasheet HTML 8Page - Extech Instruments Corporation. DM220 Datasheet HTML 9Page - Extech Instruments Corporation. DM220 Datasheet HTML 10Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DM220 V3.0 01/06
6
Specifications
Function
Range
Resolution
Accuracy
400mV
0.1mV
4V
0.001V
40V
0.01V
±(0.8% reading + 2 digits)
400V
0.1V
DC Voltage
600V
1V
±(1.0% reading + 2 digits)
50 to 60Hz
4V
1mV
40V
0.01V
±(1.0% reading + 5 digits)
400V
0.1V
AC Voltage
600V
1V
±(1.5% reading + 5 digits)
400
µA
0.1
µA
4000
µA
1
µA
40mA
0.01mA
DC Current
200mA
0.1mA
±(2.0% reading + 2 digits)
50 to 60Hz
400
µA
0.1
µA
4000
µA
1
µA
40mA
0.01mA
AC Current
200mA
0.1mA
±(2.5% reading + 5 digits)
400
Ω
0.1
Ω
±(0.8% reading + 5 digits)
4k
Ω
0.001k
Ω
±(1.2% reading + 5 digits)
40k
Ω
0.01k
Ω
400k
Ω
0.1k
Ω
±(0.8% reading + 2 digits)
4M
Ω
0.001M
Ω
±(3.0% reading + 5digits)
Resistance
40M
Ω
0.01M
Ω
±(5.0% reading + 5digits)
4nF
0.001nF
±(5.0% reading + 0.6nF)
40nF
0.01nF
±(3.5% reading + 30 digits)
4
00nF
0.1nF
4
µF
0.001
µF
±(3.0% reading + 20 digits)
40
µF
0.01
µF
Capacitance
200
µF
0.1
µF
±(5.0% reading + 30 digits)
9.999Hz
0.001Hz
99.999Hz
0.001Hz
999.9Hz
0.1Hz
Frequency
9.999kHz
0.001kHz
±(1.0% reading + 2 digits)
Duty Cycle 0.5 to 99% 0.5%
±(2.0% reading + 5 digits)
NOTE: Accuracy specifications consist of two elements:
• (% reading) – This is the accuracy of the measurement circuit.
• (+ digits) – This is the accuracy of the analog to digital converter.
NOTE: Accuracy is stated at 65
oF to 83oF (18oC to 28oC) and less than 75% RH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com