Electronic Components Datasheet Search
  English  ▼

X  

DM220 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # DM220
Description  Pocket Autoranging DMM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

DM220 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  DM220 Datasheet HTML 1Page - Extech Instruments Corporation. DM220 Datasheet HTML 2Page - Extech Instruments Corporation. DM220 Datasheet HTML 3Page - Extech Instruments Corporation. DM220 Datasheet HTML 4Page - Extech Instruments Corporation. DM220 Datasheet HTML 5Page - Extech Instruments Corporation. DM220 Datasheet HTML 6Page - Extech Instruments Corporation. DM220 Datasheet HTML 7Page - Extech Instruments Corporation. DM220 Datasheet HTML 8Page - Extech Instruments Corporation. DM220 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CA
V
82xxx
Vr
AutoRanging DMM
CAT III - 1000 V
CATIV-600 V
User's Guide
Pocket Autoranging DMM
Model DM220
Introduction
Congratulations on your purchase of the Extech DM220 Pocket Autoranging
Multimeter. This meter measures AC/DC Voltage, AC/DC Current with
200mA/500V resettable fuse, Resistance, Capacitance, Frequency, Duty Cycle,
Diode Test, and Continuity. It features a built-in non-contact AC voltage detector
plus flashlight. Proper use and care of this meter will provide many years of reliable
service.


Similar Part No. - DM220

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DM2200-434VM RFM-DM2200-434VM Datasheet
507Kb / 6P
RFM VersaMESHTM Versatile Mesh Network Protocol
DM2200-916VM RFM-DM2200-916VM Datasheet
347Kb / 6P
RFM VersaMESHTM Versatile Mesh Network Protocol
DM2200-916VM-1 RFM-DM2200-916VM-1 Datasheet
347Kb / 6P
Up to 600 meters Module to Module range
logo
Extech Instruments Corp...
DM220 EXTECH-DM220_15 Datasheet
353Kb / 1P
CAT IV Pocket MultiMeter
More results

Similar Description - DM220

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FARM VICOR-FARM Datasheet
314Kb / 12P
FARM Filter/ Autoranging Rectifier Module
logo
Intersil Corporation
ICL7139 INTERSIL-ICL7139 Datasheet
111Kb / 13P
33/4 Digit, Autoranging Multimeter
August 1997
logo
Extech Instruments Corp...
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
Pocket Multimeter 4000 Count Autoranging DMM
MN16 EXTECH-MN16 Datasheet
368Kb / 14P
Autoranging Mini Multimeter
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
Mini Autoranging MultiMeter
logo
Powerbox
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
AC INPUT - AUTORANGING
logo
List of Unclassifed Man...
UAW125S-12 ETC2-UAW125S-12 Datasheet
169Kb / 3P
Autoranging input
logo
Powerbox
FLATPAC POWERBOX-FLATPAC Datasheet
165Kb / 2P
Inputs - 115/230VAC autoranging
logo
List of Unclassifed Man...
MS8211 ETC1-MS8211 Datasheet
3Mb / 1P
PEN-TYPE AUTORANGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com