Electronic Components Datasheet Search
  English  ▼

X  

MN25 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # MN25
Description  MultiMeter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN25 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  MN25 Datasheet HTML 1Page - Extech Instruments Corporation. MN25 Datasheet HTML 2Page - Extech Instruments Corporation. MN25 Datasheet HTML 3Page - Extech Instruments Corporation. MN25 Datasheet HTML 4Page - Extech Instruments Corporation. MN25 Datasheet HTML 5Page - Extech Instruments Corporation. MN25 Datasheet HTML 6Page - Extech Instruments Corporation. MN25 Datasheet HTML 7Page - Extech Instruments Corporation. MN25 Datasheet HTML 8Page - Extech Instruments Corporation. MN25 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MN25 Version 2.2 Aug 2003
5
Specifications
Function
Range
Resolution Accuracy
200mV
0.1mV
2000mV
1mV
20V
0.01V
200V
0.1V
DC Voltage
(V DC)
600V
1V
± (0.5% reading + 2
digits)
200V
0.1V
AC Voltage
(V AC)
600V
1V
± (1.5% reading + 5 digits
(Frequency 50/60Hz)
200mA
100
µA
± (1.2% reading + 2
digits)
DC Current
(A DC)
10A
10mA
± (2.0% reading + 2
digits)
200mA
100
µA
± (1.8% reading + 5
digits)
AC Current
(A AC)
10A
10mA
± (3.0% reading + 5
digits)
200
Ω
0.1
Ω
2000
Ω
1
Ω
20k
Ω
0.01k
Ω
200k
Ω
0.1k
Ω
± (0.8% reading + 2
digits)
Resistance
2000k
Ω
1k
Ω
± (1.0% reading + 2
digits)
9V
10mV
Battery Test
1.5V
10mV
± (1.0% reading + 2
digits)
NOTE: Accuracy specifications consist of two elements:
• (% reading) – This is the accuracy of the measurement circuit.
• (+ digits) – This is the accuracy of the analog to digital
converter.
NOTE: Accuracy is stated at 65
oF to 83oF (18oC to 28oC) and less
than 75% RH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com