Electronic Components Datasheet Search
  English  ▼

X  

MN25 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # MN25
Description  MultiMeter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN25 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  MN25 Datasheet HTML 1Page - Extech Instruments Corporation. MN25 Datasheet HTML 2Page - Extech Instruments Corporation. MN25 Datasheet HTML 3Page - Extech Instruments Corporation. MN25 Datasheet HTML 4Page - Extech Instruments Corporation. MN25 Datasheet HTML 5Page - Extech Instruments Corporation. MN25 Datasheet HTML 6Page - Extech Instruments Corporation. MN25 Datasheet HTML 7Page - Extech Instruments Corporation. MN25 Datasheet HTML 8Page - Extech Instruments Corporation. MN25 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MN25 Version 2.2 Aug 2003
4
Safety Symbols
NEVER operate the meter unless the back
cover and the battery and fuse doors are in
place and fastened securely. This symbol
adjacent to another symbol, terminal or
operating device indicates that the operator
must refer to an explanation in the Operating
Instructions to avoid personal injury or
damage to the meter.
This WARNING symbol indicates a potentially
hazardous situation, which if not avoided,
could result in death or serious injury.
This CAUTION symbol indicates a potentially
hazardous situation, which if not avoided, may
result damage to the product.
This symbol advises the user that the
terminal(s) so marked must not be connected
to a circuit point at which the voltage with
respect to earth ground exceeds (in this case)
500 VAC or VDC.
This symbol adjacent to one or more terminals
identifies them as being associated with
ranges that may, in normal use, be subjected
to particularly hazardous voltages. For
maximum safety, the meter and its test leads
should not be handled when these terminals
are energized.
This symbol indicates that a device is
protected throughout by double insulation or
reinforced insulation.
WARNING
CAUTION
MAX
500V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com