Electronic Components Datasheet Search
  English  ▼

X  

MN25 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # MN25
Description  MultiMeter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN25 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  MN25 Datasheet HTML 1Page - Extech Instruments Corporation. MN25 Datasheet HTML 2Page - Extech Instruments Corporation. MN25 Datasheet HTML 3Page - Extech Instruments Corporation. MN25 Datasheet HTML 4Page - Extech Instruments Corporation. MN25 Datasheet HTML 5Page - Extech Instruments Corporation. MN25 Datasheet HTML 6Page - Extech Instruments Corporation. MN25 Datasheet HTML 7Page - Extech Instruments Corporation. MN25 Datasheet HTML 8Page - Extech Instruments Corporation. MN25 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MN25 Version 2.2 Aug 2003
3
Safety
This meter has been designed for safe use, but must be
operated with caution. The rules listed below must be carefully
followed for safe operation.
1.
NEVER apply voltage or current to the meter that exceeds
the specified maximum:
Input Limits
Function
Maximum Input
V DC, V AC
600V DC/AC, 200Vrms on 200mV range
mA DC
200mA 250V fast acting fuse
A DC, A AC
10A 250V fast acting fuse(30 seconds
max every 15 minutes)
Resistance,
Continuity
250Vrms for 15sec max
2.
USE EXTREME CAUTION when working with high
voltages.
3.
DO NOT measure voltage if the voltage on the "COM"
input jack exceeds 500V above earth ground.
4.
NEVER connect the meter leads across a voltage source
while the function switch is in the current, resistance, or
diode mode. Doing so can damage the meter.
5.
ALWAYS discharge filter capacitors in power supplies and
disconnect the power when making resistance or diode
tests.
6.
ALWAYS turn off the power and disconnect the test leads
before opening the doors to replace the fuse or batteries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com