Electronic Components Datasheet Search
  English  ▼

X  

MN25 Datasheet(PDF) 13 Page - Extech Instruments Corporation.

Part # MN25
Description  MultiMeter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN25 Datasheet(HTML) 13 Page - Extech Instruments Corporation.

Back Button MN25 Datasheet HTML 7Page - Extech Instruments Corporation. MN25 Datasheet HTML 8Page - Extech Instruments Corporation. MN25 Datasheet HTML 9Page - Extech Instruments Corporation. MN25 Datasheet HTML 10Page - Extech Instruments Corporation. MN25 Datasheet HTML 11Page - Extech Instruments Corporation. MN25 Datasheet HTML 12Page - Extech Instruments Corporation. MN25 Datasheet HTML 13Page - Extech Instruments Corporation. MN25 Datasheet HTML 14Page - Extech Instruments Corporation. MN25 Datasheet HTML 15Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MN25 Version 2.2 Aug 2003
13
Diode Test
1. Insert the black test lead banana plug into the negative COM
jack and the red test lead banana plug into the positive
diode jack.
2. Turn the rotary switch to the
position.
3. Touch the test probes to the diode under test. Forward
voltage will indicate 400 to 700mV. Reverse voltage will
indicate “I”. Shorted devices will indicate near 0mV. Shorted
devices will indicate near 0mV and an open device will
indicate “I” in both polarities.
Continuity Check
WARNING: To avoid electric shock, never measure continuity
on circuits or wires that have voltage on them.
1. Set the function switch to the
position.
2. Insert the black lead banana plug into the negative (COM)
jack
Insert the red test lead banana plug into the positive (
Ω)
jack.
3. Touch the test probe tips to the circuit or wire you wish to
check.
4. If the resistance is less than approximately 30
Ω, the audible
signal will sound. If the circuit is open, the display will
indicate “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com