Electronic Components Datasheet Search
  English  ▼

X  

MN25 Datasheet(PDF) 8 Page - Extech Instruments Corporation.

Part # MN25
Description  MultiMeter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN25 Datasheet(HTML) 8 Page - Extech Instruments Corporation.

Back Button MN25 Datasheet HTML 4Page - Extech Instruments Corporation. MN25 Datasheet HTML 5Page - Extech Instruments Corporation. MN25 Datasheet HTML 6Page - Extech Instruments Corporation. MN25 Datasheet HTML 7Page - Extech Instruments Corporation. MN25 Datasheet HTML 8Page - Extech Instruments Corporation. MN25 Datasheet HTML 9Page - Extech Instruments Corporation. MN25 Datasheet HTML 10Page - Extech Instruments Corporation. MN25 Datasheet HTML 11Page - Extech Instruments Corporation. MN25 Datasheet HTML 12Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MN25 Version 2.2 Aug 2003
8
Operation
WARNING: Risk of electrocution. High-voltage circuits, both AC
and DC, are very dangerous and should be measured with great
care.
1. ALWAYS turn the function switch to the OFF position when
the meter is not in use.
2. If “OL” appears in the display during a measurement, the
value exceeds the range you have selected. Change to a
higher range.
NOTE: On some low AC and DC voltage ranges, with the test
leads not connected to a device, the display may show a
random, changing reading. This is normal and is caused by the
high-input sensitivity. The reading will stabilize and give a proper
measurement when connected to a circuit.
DC Voltage Measurements
CAUTION: Do not measure DC voltages if a motor on the
circuit is being switched ON or OFF. Large voltage surges may
occur that can damage the meter.
1. Set the function switch to the highest VDC
position.
2. Insert the black test lead banana plug into
the negative (COM) jack.
Insert the red test lead banana plug into
the positive (V) jack.
3. Touch the black test probe tip to the
negative side of the circuit.
Touch the red test probe tip to the positive
side of the circuit.
4. Read the voltage in the display. Reset the function switch to
successively lower VDC positions to obtain a higher
resolution reading. The display will indicate the proper
decimal point and value. If the polarity is reversed, the
display will show (-) minus before the value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com