Electronic Components Datasheet Search
  English  ▼

X  

MN25 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # MN25
Description  MultiMeter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN25 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button MN25 Datasheet HTML 6Page - Extech Instruments Corporation. MN25 Datasheet HTML 7Page - Extech Instruments Corporation. MN25 Datasheet HTML 8Page - Extech Instruments Corporation. MN25 Datasheet HTML 9Page - Extech Instruments Corporation. MN25 Datasheet HTML 10Page - Extech Instruments Corporation. MN25 Datasheet HTML 11Page - Extech Instruments Corporation. MN25 Datasheet HTML 12Page - Extech Instruments Corporation. MN25 Datasheet HTML 13Page - Extech Instruments Corporation. MN25 Datasheet HTML 14Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MN25 Version 2.2 Aug 2003
10
DC Current Measurements
CAUTION: Do not make current measurements on the 10A
scale for longer than 30 seconds. Exceeding 30 seconds may
cause damage to the meter and/or the test leads.
1. Insert the black test lead banana
plug into the negative (COM) jack.
2. For current measurements up to
200mA DC, set the function switch to
the 200m ADC position and insert the
red test lead banana plug into the
(mA) jack.
3. For current measurements up to 10A
DC, set the function switch to the
10A range and insert the red test
lead banana plug into the (10A) jack.
4. Remove power from the circuit under
test, then open up the circuit at the point where you wish to
measure current.
5. Touch the black test probe tip to the negative side of the
circuit.
Touch the red test probe tip to the positive side of the circuit.
6. Apply power to the circuit.
7. Read the current in the display. The display will indicate the
proper decimal point and value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com