Electronic Components Datasheet Search
  English  ▼

X  

MN35 Datasheet(PDF) 8 Page - Extech Instruments Corporation.

Part # MN35
Description  Manual Ranging Mini MultiMeter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN35 Datasheet(HTML) 8 Page - Extech Instruments Corporation.

Back Button MN35 Datasheet HTML 2Page - Extech Instruments Corporation. MN35 Datasheet HTML 3Page - Extech Instruments Corporation. MN35 Datasheet HTML 4Page - Extech Instruments Corporation. MN35 Datasheet HTML 5Page - Extech Instruments Corporation. MN35 Datasheet HTML 6Page - Extech Instruments Corporation. MN35 Datasheet HTML 7Page - Extech Instruments Corporation. MN35 Datasheet HTML 8Page - Extech Instruments Corporation. MN35 Datasheet HTML 9Page - Extech Instruments Corporation. MN35 Datasheet HTML 10Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MN35 V2.0 2/05
8
Temperature Measurements
WARNING: To avoid electric shock, disconnect test leads from any
source of voltage before making a temperature measurement. Be sure
that the thermocouple has been removed before changing to any other
measurement function.
1. Insert the type K thermocouple probe into the V/
Ω/mA and COM jacks.
2. Turn the rotary switch to the
oF or oC position.
3. Read the temperature on the display.
Continuity Measurements
1. Insert the black test lead banana plug into the negative COM jack and
the red test lead banana plug into the positive V/
Ω/mA jack. Observe
polarity.
2. Turn the rotary switch to the
•))) position.
3. Touch the test probes to the circuit or device under test. If the
resistance is less than approximately 40
Ω the buzzer will sound.
Diode Measurements
1. Insert the black test lead banana plug into the negative COM jack and
the red test lead banana plug into the positive V/
Ω/mA jack.
2. Turn the rotary switch to the
•))) position.
3. Touch the test probes to the diode under test. Forward voltage will
indicate 0.4V to 0.7V. Reverse voltage will indicate “1.
”. Shorted
devices will indicate near 0mV and an open device will indicate “1.
”
in both polarities.
Battery Test
1. Insert the black test lead banana plug into the negative COM jack and
the red test lead banana plug into the positive V jack.
2. Turn the rotary switch to the 1.5V or 9V BAT position.
3. Connect the red test lead to the positive side of the 1.5V or 9V battery
and the black test lead to the negative side of the 1.5V or 9V battery.
4. Read the voltage in the display.
Good
Weak
Bad
9V battery:
>8.2V
7.2 to 8.2V
<7.2V
1.5V battery:
>1.35V
1.22 to 1.35V
<1.22V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com