Electronic Components Datasheet Search
  English  ▼

X  

MN35 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # MN35
Description  Manual Ranging Mini MultiMeter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN35 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  MN35 Datasheet HTML 1Page - Extech Instruments Corporation. MN35 Datasheet HTML 2Page - Extech Instruments Corporation. MN35 Datasheet HTML 3Page - Extech Instruments Corporation. MN35 Datasheet HTML 4Page - Extech Instruments Corporation. MN35 Datasheet HTML 5Page - Extech Instruments Corporation. MN35 Datasheet HTML 6Page - Extech Instruments Corporation. MN35 Datasheet HTML 7Page - Extech Instruments Corporation. MN35 Datasheet HTML 8Page - Extech Instruments Corporation. MN35 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MN35 V2.0 2/05
4
Specifications
Function
Range
Accuracy
200.0mV
2.000V
20.00V
200.0V
±(0.5% reading + 2 digits)
DC Voltage (V DC)
600V
±(0.8% reading + 2 digits)
200.0V
AC Voltage (V AC)
(40 - 400Hz)
600V
±(1.2% reading + 10 digits)
200.0mA
±(1.5% reading + 2 digits)
DC Current (A DC)
10.00A
±(3.0% reading + 5 digits)
200.0
Ω
±(0.8% reading + 4 digits)
2.000k
Ω
20.00k
Ω
200.0k
Ω
±(0.8% reading + 2 digits)
Resistance
20.00M
Ω
±(3.0% reading + 3 digits)
Temp
°F
Temp
°C
-4 to 1400
°F
-20 to 750
°C
-4 to 59°F;
±(2.5% reading + 19 digits)
60 to 750°F
±(1.0% reading + 9 digits)
751; to 1400°F;
±(2.5% reading + 19
digits)
-20 to 16
°C; ±(2.5% reading + 10
digits)
17 to 400
°C; ±(1.0% reading + 5
digits),
400 to 750
°C; ±(2.5% reading + 10
digits)
(probe accuracy not included)
Accuracy
Stated at 73
oF
±10oF (23oC ±5 oC) and less than 70%
RH
Diode Test
Test current of 1mA maximum, open circuit voltage
2.8V DC typical



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com