Electronic Components Datasheet Search
  English  ▼

X  

MN35 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # MN35
Description  Manual Ranging Mini MultiMeter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN35 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button MN35 Datasheet HTML 2Page - Extech Instruments Corporation. MN35 Datasheet HTML 3Page - Extech Instruments Corporation. MN35 Datasheet HTML 4Page - Extech Instruments Corporation. MN35 Datasheet HTML 5Page - Extech Instruments Corporation. MN35 Datasheet HTML 6Page - Extech Instruments Corporation. MN35 Datasheet HTML 7Page - Extech Instruments Corporation. MN35 Datasheet HTML 8Page - Extech Instruments Corporation. MN35 Datasheet HTML 9Page - Extech Instruments Corporation. MN35 Datasheet HTML 10Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MN35 V2.0 2/05
10
Support line (781) 890-7440
Technical support: Extension 200; E-mail: support@extech.com
Repair & Returns: Extension 210; E-mail: repair@extech.com
Product specifications subject to change without notice
For the latest version of this User’s Guide, Software updates, and other
up-to-the-minute product information, visit our website: www.extech.com
Battery Replacement
WARNING: To avoid electric shock, disconnect the test leads from
any source of voltage before removing the battery/fuse cover.
1. Disconnect the test leads from the meter.
2. Remove the rubber holster (if in place).
3. Remove the two screws securing the rear cover using a Phillips head
screwdriver.
4. Lift the cover off and replace the battery observing the correct polarity.
5. Insert the new battery into the battery holder.
6. Replace the rear cover and secure with the screws.
Fuse Replacement
WARNING: To avoid electric shock, disconnect the test leads from
any source of voltage before removing battery/fuse cover.
1. Disconnect the test leads from any circuit being measured.
2. Remove the rubber holster (if in place).
3. Remove the two screws securing the rear cover using a Phillips head
screwdriver. Remove the rear cover.
4. Remove the old fuse by gently pulling up on it.
5. Install the new fuse by gently pushing it into the holder.
6. Always use a fuse of the proper size and value; 250mA/250V fast blow.
7. Replace the rear cover and secure with the screws.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com