Electronic Components Datasheet Search
  English  ▼

X  

MN35 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # MN35
Description  Manual Ranging Mini MultiMeter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN35 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  MN35 Datasheet HTML 1Page - Extech Instruments Corporation. MN35 Datasheet HTML 2Page - Extech Instruments Corporation. MN35 Datasheet HTML 3Page - Extech Instruments Corporation. MN35 Datasheet HTML 4Page - Extech Instruments Corporation. MN35 Datasheet HTML 5Page - Extech Instruments Corporation. MN35 Datasheet HTML 6Page - Extech Instruments Corporation. MN35 Datasheet HTML 7Page - Extech Instruments Corporation. MN35 Datasheet HTML 8Page - Extech Instruments Corporation. MN35 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MN35 V2.0 2/05
3
Safety
International Safety Symbols
This symbol, adjacent to another symbol or terminal, indicates
the user must refer to the manual for further information.
This symbol, adjacent to a terminal, indicates that, under normal
use, hazardous voltages may be present
Double insulation
Safety Precautions
1. Improper use of this meter can cause damage, shock, injury or death.
Read and understand this user manual before operating the meter.
2. Make sure any covers or battery doors are properly closed and ured.
3. Always remove the test leads before replacing the battery or fuses.
4. Inspect the condition of the test leads and the meter itself for any
damage before operating the meter. Repair any damage before use.
5. Do not exceed the maximum rated input limits.
6. Use great care when making measurements if the voltages are greater
than 25VAC rms or 35VDC. These voltages are considered a shock
hazard.
7. Always discharge capacitors and remove power from the device under
test before performing Diode, Resistance or Continuity tests.
8. Remove the battery from the meter if the meter is to be stored for long
periods.
9. To avoid electric shock, do not measure AC current on any circuit
whose voltage exceeds 250V AC.
Input Limits
Function
Maximum Input
VDC, VAC
600V DC/AC
Resistance, Diode, Continuity
500V DC/AC
mA DC
250mA DC
10A DC
10A DC (15sec. max every 15 min.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com