Electronic Components Datasheet Search
  English  ▼

X  

TMC1175A Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # TMC1175A
Description  Video A/D Converter 8 bit, 40 Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1175A Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button TMC1175A Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 12Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TMC1175A
PRODUCT SPECIFICATION
8
REV. 1.3.3 2/28/02
.
Operating Conditions
Parameter
Min
Nom
Max
Units
VDDD
Digital Power Supply Voltage
4.75
5.0
5.25
V
VDDA
Analog Power Supply Voltage
4.75
5.0
5.25
V
AGND
Analog Ground (Measured to
DGND)
-0.1
0
0.1
V
fS
Conversion Rate
TMC1175A-20
20
Msps
TMC1175A-30
30
Msps
TMC1175A-40
40
Msps
tPWH
CONV Pulsewidth, HIGH
TMC1175A-20
15
ns
TMC1175A-30
13
ns
TMC1175A-40
12
ns
tPWL
CONV Pulsewidth, LOW
TMC1175A-20
15
ns
TMC1175A-30
12
ns
TMC1175A-40
12
ns
VRT
Reference Voltage, Top
2.0
2.6
VDDA
V
VRB
Reference Voltage, Bottom
0
0.6
3.0
V
VRT-VRB
Reference Voltage Differential
1.0
5.0
V
VIN
Analog Input Range
VRB
VRT
V
VIH
Input Voltage, Logic HIGH
0.7 x
VDDD
VDDD
V
VIL
Input Voltage, Logic LOW
GND
0.3 x
VDDD
V
IOH
Output Current, Logic HIGH
-4.0
mA
IOL
Output Current, Logic LOW
4.0
mA
TA
Ambient Temperature, Still Air
-20
75
°C
Electrical Characteristics
Parameter
Conditions
Min
Typ1
Max
Units
IDD
Power Supply Current1
VDDD = VDDA = Max, CLOAD = 35pF
fS = 20Msps
20
30
mA
fS = 30Msps
25
35
mA
fS = 40Msps
30
40
mA
IDDQ
Power Supply Current,
Quiescent
VDDD = VDDA = Max
CONV = LOW
7
18
mA
CONV = HIGH
10
20
mA
PD
Total Power Dissipation
VDDD = VDDA = Max, CLOAD = 35pF
fS = 20Msps
100
160
mW
fS = 30Msps
125
185
mW
fS = 40Msps
150
210
mW
CAI
Input Capacitance, Analog
CONV = LOW
4
pF
CONV = HIGH
12
pF
RIN
Input Resistance
500
1000
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com