Electronic Components Datasheet Search
  English  ▼

X  

TMC1175A Datasheet(PDF) 17 Page - Cadeka Microcircuits LLC.

Part # TMC1175A
Description  Video A/D Converter 8 bit, 40 Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1175A Datasheet(HTML) 17 Page - Cadeka Microcircuits LLC.

Back Button TMC1175A Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 16Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 17Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 18Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
TMC1175A
PRODUCT SPECIFICATION
2/28/02 0.0m 002
Stock#DS7001175A
Ordering Information
Product Number
Conversion
Rate
Temperature Range
Screening
Package
Package
Marking
TMC1175AM7C20
20 Msps
TA = -20°C to 75°C
Commercial
24-Lead SOIC
1175AM7C20
TMC1175AM7C30
30 Msps
TA = -20°C to 75°C
Commercial
24-Lead SOIC
1175AM7C30
TMC1175AM7C40
40 Msps
TA = -20°C to 75°C
Commercial
24-Lead SOIC
1175AM7C40
TMC1175AR3C20
20 Msps
TA = -20°C to 75°C
Commercial
28-Lead PLCC
1175AR3C20
TMC1175AR3C30
30 Msps
TA = -20°C to 75°C
Commercial
28-Lead PLCC
1175AR3C30
TMC1175AR3C40
40 Msps
TA = -20°C to 75°C
Commercial
28-Lead PLCC
1175AR3C40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com