Electronic Components Datasheet Search
  English  ▼

X  

TMC1175A Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # TMC1175A
Description  Video A/D Converter 8 bit, 40 Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1175A Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  TMC1175A Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TMC1175A
PRODUCT SPECIFICATION
4
REV. 1.3.3 2/28/02
Analog input
External Clock
Upper comparators block
Lower comparators A block
Upper data
Lower reference voltage
Lower data A
Lower comparators B block
Lower data B
Digital output
S (1)
S (1)
H (1)
C (1)
S (2)
C (2)
C (3)
H (3)
C (3)
S (3)
S (3)
S (4) C (4)
C (1)
MD (0)
MD (1)
MD (2)
MD (3)
RV (0)
RV (1)
RV (2)
RV (3)
LD (-1)
LD (1)
LD(-2)
LD(0)
LD(2)
Out(-2)
Out(-1)
Out(0)
Out(1)
V(1)
V(2)
V(3)
V(4)
H (0)
C (0)
S (2)
H (2)
C (2)
S (4)
H (94)
65-7568
Figure 3. Internal Timing
Pin Assignments
27
RB
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
M7 Package
24454A
N/C
D7
VDDD
VDDD
R3 Package
CONV
VDDA
VDDA
1
N/C
26
2
3
28
4
12
18
17
16
15
14
13
VR–
DGND
DGND
DGND
RB
VR–
AGND
AGND
VIN
VDDA
RT
VR+
VDDA
VDDA
VDDD
OE
OE
DGND
D0
D0
D1
D2
D3
D4
D5
D6
D7
VDDD
CONV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com