Electronic Components Datasheet Search
  English  ▼

X  

TMC1175A Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # TMC1175A
Description  Video A/D Converter 8 bit, 40 Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1175A Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  TMC1175A Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TMC1175A
Video A/D Converter
8 bit, 40 Msps
REV. 1.3.3 2/28/02
Features
• 8-Bit resolution
• 40 Msps conversion rate
• Low power: 100mW at 20 Msps
• Integral track/hold
• Integral and differential linearity error 0.5 LSB
• Single or dual +5 Volt supplies
• Differential phase 0.5 degree
• Differential gain 1.5%
• Three-state TTL/CMOS-compatible outputs
• Low cost
Applications
• Video digitizing
• VGA and CCD digitizing
• LCD projection panels
• Image scanners
• Personal computer video boards
• Multimedia systems
• Low cost, high speed data conversion
Description
The TMC1175A analog-to-digital (A/D) converter employs
a two-step flash architecture to convert analog signals into
8-bit digital words at sample rates of up to 40 Msps
(Megasamples per second). An integral Track/Hold circuit
delivers excellent performance on signals with full-scale fre-
quency components up to 12 MHz. Innovative architecture
and submicron CMOS technology limit typical power dissi-
pation to 100 mW.
Power may be derived from either single or dual +5V
supplies. Internal voltage reference resistors allow self-bias
operation. Input capacitance is very low, simplifying or
eliminating input driving amplifiers. All digital three-state
outputs are TTL- and CMOS-compatible.
The TMC1175A is available in 24-lead plastic SOIC, and
28-lead J-lead PLCC packages. Performance specifications
are guaranteed from -20°C to 75°C.
Block Diagram
Reference
Matrix
D7-0
VIN
VR+
RT
RB
VR–
Track/
Hold
OE
CONV
24453A
Coarse
Quantizer
Digital
Error-
Corrector
Fine
Quantizer
www.cadeka.com


Similar Part No. - TMC1175A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC1175A FAIRCHILD-TMC1175A Datasheet
707Kb / 5P
Video A/D Conveter
TMC1175AM7C20 FAIRCHILD-TMC1175AM7C20 Datasheet
707Kb / 5P
Video A/D Conveter
TMC1175AM7C30 FAIRCHILD-TMC1175AM7C30 Datasheet
707Kb / 5P
Video A/D Conveter
TMC1175AM7C40 FAIRCHILD-TMC1175AM7C40 Datasheet
707Kb / 5P
Video A/D Conveter
TMC1175AN2C20 FAIRCHILD-TMC1175AN2C20 Datasheet
707Kb / 5P
Video A/D Conveter
More results

Similar Description - TMC1175A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
8-Bit, 35 MSPS, Video A/D Converter
August 1997
HI1179 INTERSIL-HI1179_05 Datasheet
303Kb / 15P
8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
logo
Analog Devices
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com