Electronic Components Datasheet Search
  English  ▼

X  

DS1863 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1863
Description  Burst-Mode PON Controller With Integrated Monitoring
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1863 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1863 Datasheet HTML 9Page - Maxim Integrated Products DS1863 Datasheet HTML 10Page - Maxim Integrated Products DS1863 Datasheet HTML 11Page - Maxim Integrated Products DS1863 Datasheet HTML 12Page - Maxim Integrated Products DS1863 Datasheet HTML 13Page - Maxim Integrated Products DS1863 Datasheet HTML 14Page - Maxim Integrated Products DS1863 Datasheet HTML 15Page - Maxim Integrated Products DS1863 Datasheet HTML 16Page - Maxim Integrated Products DS1863 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
Burst-Mode PON Controller
With Integrated Monitoring
____________________________________________________________________
13
FETG output is always latched in case it is triggered by
an unmasked alarm condition. Its output polarity is pro-
grammable to allow an external N or P MOSFET to open
during alarms to shut off the laser diode current. If the
FETG output triggers indicating the DS1863 is in shut-
down, then it requires TX-D, soft TX-D, or cycling power
to be reset. Under all conditions when the analog outputs
are re-initialized after being disabled, all the alarms with
the exception of the VCC low ADC alarm will be cleared.
The VCC low alarm must remain active to prevent the out-
put from attempting to operate when inadequate VCC
exists to operate the laser driver. Once adequate VCC is
present to clear the VCC low alarm, the outputs will be
enabled following the same sequence as power up.
As mentioned before the FETG is an output used to dis-
able the laser current via a series N or P MOSFET. This
requires that the FETG output is capable of sinking or
sourcing current. Because the DS1863 will not know if it
should sink or source current before VCC exceeds
VPOA, which triggers the EE recall, this output will be
high impedance when VCC is below VPOA. (see “Low
Voltage Operation” section for details and diagram).
The application circuit must use a pull-up or pull-down
resistor on this pin that pulls FETG to the alarm/shut-
down state (high for a PMOS, low for a NMOS). Once
VCC is above VPOA, the DS1863 will pull the FETG out-
put to the state determined by the FETG DIR bit (Table
02h, Register 89h). FETG DIR will be 0 if an NMOS is
used and 1 if a PMOS is used.
Determining Alarm Causes
Using The I2C Interface
To determine the cause of the TX-F or FETG alarm, the
system processor can read the DS1863’s Alarm Trap
Bytes (ATB) through the I2C interface (in Table 01h). The
ATB have a bit for each alarm. Any time an alarm occurs,
regardless of the mask bit’s state, the DS1863 sets the
corresponding bit in the ATB. Active ATB bits will remain
set until written to zeros via the I2C interface. On power
up the ATB will be zeros until alarms dictate otherwise.
Die Identification
DS1863 will have an ID hard coded to its die. Two reg-
isters (Table 02h bytes 86h–87h) are assigned for this
feature. Byte 86h will read 63h to identify the part as the
DS1863, byte 87h will read to A1h (for A1 die revision).
Low-Voltage Operation
The DS1863 contains two Power-On Reset (POR) lev-
els. The lower level is a Digital POR (VPOD) and the
TX-F LATCHED OPERATION
TX-F NON-LATCHED OPERATION
DETECTION OF
TX-F FAULT
TX-D OR
TX-F RESET
TX-F
DETECTION OF
TX-F FAULT
TX-F
Figure 5. DS1863 TX-F Timing.
FETG and MOD and BIAS Outputs as a
Function of TX-D and Alarm Sources
VCC >
VPOA
TX-D
NON-MASKED
FETG ALARM
FETG
MOD AND
BIAS
OUTPUTS
Yes
0
0
FETG DIR
Enabled
Yes
0
1
FETG DIR
Disabled
Yes
1
X
FETG DIR
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com