Electronic Components Datasheet Search
  English  ▼

X  

DS1863 Datasheet(PDF) 45 Page - Maxim Integrated Products

Part # DS1863
Description  Burst-Mode PON Controller With Integrated Monitoring
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1863 Datasheet(HTML) 45 Page - Maxim Integrated Products

Back Button DS1863 Datasheet HTML 41Page - Maxim Integrated Products DS1863 Datasheet HTML 42Page - Maxim Integrated Products DS1863 Datasheet HTML 43Page - Maxim Integrated Products DS1863 Datasheet HTML 44Page - Maxim Integrated Products DS1863 Datasheet HTML 45Page - Maxim Integrated Products DS1863 Datasheet HTML 46Page - Maxim Integrated Products DS1863 Datasheet HTML 47Page - Maxim Integrated Products DS1863 Datasheet HTML 48Page - Maxim Integrated Products DS1863 Datasheet HTML 49Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
Burst-Mode PON Controller
With Integrated Monitoring
____________________________________________________________________
45
Table 02h, Register 84h to 85h: BIAS DAC
FACTORY DEFAULT
00 00h
READ ACCESS
PW2
WRITE ACCESS
PW2 and (BIAS-EN = 0)
MEMORY TYPE
Volatile
84h
00
2
12
2
11
2
10
2
9
2
8
2
7
85h
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
bit7
bit0
The digital value used for IBIAS.
Table 02h, Register 86h: Device ID
FACTORY DEFAULT
63h
READ ACCESS
PW2
WRITE ACCESS
N/A
MEMORY TYPE
ROM
86h
01
100
011
bit7
bit0
Hard wired to show device ID.
Table 02h, Register 87h: Device VER
FACTORY DEFAULT
Device Version
READ ACCESS
PW2
WRITE ACCESS
N/A
MEMORY TYPE
ROM
87h
DEVICE VERSION
bit7
bit0
Hard wired connections to show Device Version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com