Electronic Components Datasheet Search
  English  ▼

X  

DS1863 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1863
Description  Burst-Mode PON Controller With Integrated Monitoring
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1863 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1863 Datasheet HTML 1Page - Maxim Integrated Products DS1863 Datasheet HTML 2Page - Maxim Integrated Products DS1863 Datasheet HTML 3Page - Maxim Integrated Products DS1863 Datasheet HTML 4Page - Maxim Integrated Products DS1863 Datasheet HTML 5Page - Maxim Integrated Products DS1863 Datasheet HTML 6Page - Maxim Integrated Products DS1863 Datasheet HTML 7Page - Maxim Integrated Products DS1863 Datasheet HTML 8Page - Maxim Integrated Products DS1863 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
Burst-Mode PON Controller
With Integrated Monitoring
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +95°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on VCC, SDA and SCL Pin Relative
to Ground....................................................................-0.5V to 6V
Voltage on BEN, TX-D, TX-F, MON1–MON3,
BMD Relative to Ground ...............................-0.5V to VCC + 0.5V
(subject to not exceeding +6V)
Operating Temperature Range ...........................-40°C to +95°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature ...................See J-STD-020 specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
+2.85
3.9
V
High-Level Input Voltage (SDA, SCL, BEN)
VIH:1
0.7 x VCC
VCC + 0.3
V
Low-Level Input Voltage (SDA, SCL, BEN)VIL:1
-0.3
0.3 x VCC
V
High-Level Input Voltage (TX-D)
VIH:2
2.0
VCC + 0.3
V
Low-Level Input Voltage (TX-D)
VIL:2
-0.3
0.8
V
ELECTRICAL CHARACTERISTICS
(VCC= +2.85V to +3.9V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
(Notes 1, 2)
5
7
mA
Output Leakage (SDA, TX-F)
ILO
1µA
IOL = 4mA
0.4
Low-Level Output Voltage
(SDA, TX-F, FETG)
VOL
IOL = 6mA
0.6
V
High-Level Output Voltage (FETG)
VOH
IOH = 4mA (Note 2)
VCC – 0.4
V
FETG Before Recall
(Note 3)
10
100
nA
Input Leakage Current (SCL, BEN, TX-D)
ILI:1
1µA
Digital Power-On Reset
POD
1.0
2.2
V
Analog Power-On Reset
POA
2.1
2.75
V
ANALOG INPUT CHARACTERISTICS (BMD)
(VCC = +2.85V to +3.9V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BMD Full-Scale Voltage Range
VAPC
(Note 4)
2.5
V
Resolution
(Note 4)
8
bits
VAPC Error
TA = +25°C (Note 5)
-1.75
+1.75
%FS
VAPC Integral Nonlinearity
-1
+1
LSB
VAPC Differential Nonlinearity
-1
+1
LSB
VAPC Temp Drift
-2.5
+2.5
%FS
Input Resistance
35
50.0
65
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com