Electronic Components Datasheet Search
  English  ▼

X  

DS1863 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS1863
Description  Burst-Mode PON Controller With Integrated Monitoring
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1863 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS1863 Datasheet HTML 45Page - Maxim Integrated Products DS1863 Datasheet HTML 46Page - Maxim Integrated Products DS1863 Datasheet HTML 47Page - Maxim Integrated Products DS1863 Datasheet HTML 48Page - Maxim Integrated Products DS1863 Datasheet HTML 49Page - Maxim Integrated Products DS1863 Datasheet HTML 50Page - Maxim Integrated Products DS1863 Datasheet HTML 51Page - Maxim Integrated Products DS1863 Datasheet HTML 52Page - Maxim Integrated Products DS1863 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
Burst-Mode PON Controller
With Integrated Monitoring
____________________________________________________________________
49
Table 02h, Register 8Dh: Comp Ranging
FACTORY DEFAULT:
00h
READ ACCESS
PW2
WRITE ACCESS
PW2
MEMORY TYPE:
Nonvolatile (SEE)
8Dh
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
APC
2
APC
1
APC
0
bit7
bit0
This byte controls the Full-Scale range for the Quick-Trip monitoring of the APC reference as well as the closed loop monitoring of
APC.
bit7:3
RESERVED (Default = 0)
bit2:0
APC RANGING: 3-bit value to select the FS comparison voltage for BMD with the APC. Default is
000b and creates a FS voltage of 2.5V.
Table 02h, Register 8Eh: Right Shift1
FACTORY DEFAULT:
00h
READ ACCESS
PW2
WRITE ACCESS
PW2
MEMORY TYPE:
Nonvolatile (SEE)
8Eh
RESERVED
MON1_2
MON1_1
MON1_0
RESERVED
MON2_2
MON2_1
MON2_0
bit7
bit0
Allows for right-shifting the final answer of MON1 and MON2 voltage measurements. This allows for scaling the measurements to
the smallest Full-scale voltage and then right-shifting the final result so the reading is weighted to the correct LSB.
APC2 TO APC0
% OF 2.5V
FS VOLTAGE
000b
100
2.500
001b
80.07
2.002
010b
66.79
1.670
011b
50.18
1.255
100b
40.22
1.006
101b
33.57
0.839
110b
28.82
0.721
111b
25.26
0.632



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com