Electronic Components Datasheet Search
  English  ▼

X  

DS1863 Datasheet(PDF) 46 Page - Maxim Integrated Products

Part # DS1863
Description  Burst-Mode PON Controller With Integrated Monitoring
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1863 Datasheet(HTML) 46 Page - Maxim Integrated Products

Back Button DS1863 Datasheet HTML 42Page - Maxim Integrated Products DS1863 Datasheet HTML 43Page - Maxim Integrated Products DS1863 Datasheet HTML 44Page - Maxim Integrated Products DS1863 Datasheet HTML 45Page - Maxim Integrated Products DS1863 Datasheet HTML 46Page - Maxim Integrated Products DS1863 Datasheet HTML 47Page - Maxim Integrated Products DS1863 Datasheet HTML 48Page - Maxim Integrated Products DS1863 Datasheet HTML 49Page - Maxim Integrated Products DS1863 Datasheet HTML 50Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Burst-Mode PON Controller
With Integrated Monitoring
46
____________________________________________________________________
Table 02h, Register 88h: Update Rate
FACTORY DEFAULT
00h
READ ACCESS
PW2
WRITE ACCESS
PW2
MEMORY TYPE
Nonvolatile (SEE)
Defines the update rate for comparison of APC control.
88h
0
0
0
0
SR(3:0)
bit7
bit0
bit7:4
0
bit3:0
SR(3:0) : 4-bit update rate for comparison of APC control.
SR3–SR0
MINIMUM TIME
FROM BEN TO FIRST
SAMPLE (tFIRST)
±50ns
REPEATED SAMPLE
PERIOD FOLLOWING
FIRST SAMPLE (tREP)
0000b
350ns
800ns
0001b
550ns
1200ns
0010b
750ns
1600ns
0011b
950ns
2000ns
0100b
1350ns
2800ns
0101b
1550ns
3200ns
0110b
1750ns
3600ns
0111b
2150ns
4400ns
1000b
2950ns
6000ns
1001b*
3150ns
6400ns
*All codes greater than 1001b (1010b–111b) use the maximum
sample time of code 1001b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com