Electronic Components Datasheet Search
  English  ▼

X  

MAX1971EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1971EEE
Description  Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1971EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
_______________________________________________________________________________________
7
100
0
0.01
0.1
1
EFFICIENCY vs. LOAD CURRENT
20
10
LOAD CURRENT (A)
40
30
60
70
50
80
90
VOUT2 = 2.5V
VOUT1 = 3.3V
MAX1970/
MAX1972
VIN = 5.0V
VOUT1 = 1.8V
VOUT2 = 1.5V
100
0
0.01
0.1
1
EFFICIENCY vs. LOAD CURRENT
20
10
LOAD CURRENT (A)
40
30
60
70
50
80
90
VOUT2 = 2.5V
VOUT1 = 3.3V
MAX1971
VIN = 5.0V
VOUT1 = 1.8V
VOUT2 = 1.5V
100
0
0.01
0.1
1
EFFICIENCY vs. LOAD CURRENT
20
10
LOAD CURRENT (A)
40
30
60
70
50
80
90
VOUT2 = 2.5V
MAX1970/
MAX1972
VIN = 3.3V
VOUT1 = 1.8V
VOUT2 = 1.5V
100
0
0.01
0.1
1
EFFICIENCY vs. LOAD CURRENT
20
10
LOAD CURRENT (A)
40
30
60
70
50
80
90
VOUT2 = 2.5V
MAX1971
VIN = 3.3V
VOUT1 = 1.8V
VOUT2 = 1.5V
500
0
0
400
800
700
600
500
300
200
100
INPUT CURRENT vs. OUTPUT CURRENT
100
50
OUTPUT CURRENT (mA)
200
150
300
350
250
400
450
VOUT1 = 3.3V
VIN = 5.0V
VOUT2 = 2.5V
VOUT1 = 1.8V
VOUT2 = 1.5V
MAX1970/MAX1972
1.22
1.17
010
20
15
5
REFERENCE VOLTAGE vs.
REFERENCE LOAD CURRENT
1.18
REFERENCE LOAD CURRENT (
µA)
1.19
1.20
1.21
1.60
0.40
2.5
4.0
5.5
5.0
4.5
3.5
3.0
OSCILLATOR FREQUENCY
vs. INPUT VOLTAGE
0.60
INPUT VOLTAGE (V)
0.80
1.20
1.00
1.40
TA = +85
°C
MAX1970/MAX1972
TA = +25
°C
TA = -40
°C
TA = +85
°C
MAX1971
TA = +25
°C
TA = -40
°C
3
-3
0
400
800
600
200
CHANGE IN OUTPUT VOLTAGE
vs. LOAD CURRENT
-2
LOAD CURRENT (mA)
-1
1
0
2
VOUT1 = 3.3V
VOUT1 = 1.8V
VOUT2 = 1.5V
VOUT2 = 2.5V
VIN = 5.0V
MAX1970/MAX1972
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com