Electronic Components Datasheet Search
  English  ▼

X  

MAX1971EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1971EEE
Description  Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1971EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, EN, FBSEL1, FBSEL2, PFO, POR,
RSI, VCC to GND ...................................................-0.3V to +6V
COMP1, COMP2, FB1, FB2,
REF to GND .............................................-0.3V to (VCC + 0.3V)
LX1, LX2 to PGND .......................................-0.3V to (VIN + 0.3V)
PGND to GND .......................................................-0.3V to +0.3V
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VIN = VCC = VEN = 5V, R POR = 100kΩ to IN, RPFO = 100kΩ to IN, VRSI = 0, CREF = 0.1µF, FBSEL1 = unconnected, FBSEL2 =
unconnected, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN AND VCC
IN Voltage Range
2.6
5.5
V
MAX1971
5
10
IN Supply Current
Switching with no load
VIN = 3.3V
MAX1970/MAX1972
10
20
mA
MAX1970/MAX1972
1
100
IN Shutdown Current
VIN = 5.5V, VEN = 0
MAX1971
1
60
µA
VCC rising
2.40
2.55
VCC Undervoltage
Lockout Threshold
VCC falling
2.20
2.35
V
REF
REF Voltage
IREF = 0, VIN = 2.6V to 5.5V
1.188
1.200
1.212
V
REF Shutdown Resistance
REF to GND, VEN = 0
10
25
Ω
REF Soft-Start Current
VREF = 1V
20
25
30
µA
FB1 AND FB2
FB_ Regulation Voltage
FBSEL_ = unconnected, OUT1 = FB1, OUT2 = FB2,
VCOMP_ = 1.20V to 1.80V, VIN = 2.6V to 5.5V
1.188
1.200
1.212
V
OUT_ Voltage Range
FBSEL_ = unconnected
1.2
VIN
V
VIN = 2.6V to 5.5V
VCOMP1 = 1.2V, FBSEL1= GND
1.782
1.800
1.818
OUT1 Regulation Voltage
VIN = 4.5V to 5.5V
VCOMP1 = 1.2V, FBSEL1 = VCC
3.2670
3.3
3.330
V
VCOMP2 = 1.2V, FBSEL2 = GND
1.485
1.5
1.150
OUT2 Regulation Voltage
VIN = 2.6V to 5.5V
VCOMP2 = 1.2V, FBSEL2 = VCC
2.475
2.5
2.525
V
Maximum Output Current
Guaranteed by design (Note 1)
750
mA
FBSEL1 = GND
30
60
120
FB1 Input Resistance
Measured from FB1 to
GND
FBSEL1 = VCC
30
60
120
k
Ω
FBSEL2 = GND
22.5
45
90
FB2 Input Resistance
Measured from FB2 to
GND
FBSEL2 = VCC
22.5
45
90
k
Ω
FB_ Input Bias Current
FB1 or FB2, FBSEL_ = unconnected, VFB1 = VFB2 = 1.15V
0.01
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com