Electronic Components Datasheet Search
  English  ▼

X  

MAX1971EEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1971EEE
Description  Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971EEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1971EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Design Procedure
Output Voltage Selection
Both output voltages can be selected in three different
ways as indicated by Table 1. Each output has two pre-
set voltages that can be set using FBSEL_ and it can
also be set to any voltage from 0.8V to VIN by using an
external resistor voltage-divider.
To use a resistor-divider to set the output voltage to
1.2V or higher (Figure 5), connect a resistor from FB_ to
OUT_ (R_a), and connect a resistor from FB_ to GND
(R_b). Select the value of R_b, between 10kΩ and
30k
Ω. Then R_a is calculated by:
A resistor-divider can also be used to set the voltage of
one output from 0.8V to 1.2V. To do this, the other out-
put must be above 1.2V. Figure 6 shows an example of
this where OUT1 is set to 1V. To set the output voltage to
less than 1.2V, connect a resistor from FB1 to OUT1 (R1),
and from FB1 to OUT2 (R2). Select values of R1 and R2
such that current flowing through R1 and R2 is about
100µA and following equation is satisfied:
Each output is capable of continuously sourcing up to
750mA of current as long as the following condition is
met:
Inductor Value
A 3.3µH to 6.8µH inductor with a saturation current of
800mA (min) is recommended for most applications.
For best efficiency, the inductor’s DC resistance should
be less than 100m
Ω, and saturation current should be
greater than 1A. See Table 2 for recommended induc-
tors and manufacturers.
VI
V
I
V
A
OUT
OUT
OUT
OUT
IN
11
2
2
105
×+
×
≤ .
RR
V
V
OUT
OUT
12
12
12
1
2
.
.
=
−
−
RR
V
ab
OUT
__
.
=× ⎡
⎣⎢
⎤
⎦⎥
−
12
1
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
14
______________________________________________________________________________________
Figure 2. Timing Diagram
VOUT
TD
RSI
~1V PKMAX
VIN
PFO
4.04V
3.94V
TRESET = 1
µs MIN
TD
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com