Electronic Components Datasheet Search
  English  ▼

X  

MAX1971EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1971EEE
Description  Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1971EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
General Description
The MAX1970/MAX1971/MAX1972 dual-output current-
mode PWM buck regulators operate from 2.6V to 5.5V
input and deliver a minimum of 750mA on each output.
The MAX1970 and MAX1972 operate at a fixed 1.4MHz
(MAX1971 operates at 700kHz) to reduce output induc-
tor and capacitor size and cost. Switching the regula-
tors 180° out-of-phase also reduces the input capacitor
size and cost. Ceramic capacitors can be used for
input and output.
The output voltages are programmable from 1.2V to VIN
using external feedback resistors, or can be preset to
1.8V or 3.3V for output 1 and 1.5V or 2.5V for output 2.
When one output is higher than 1.2V, the second can
be configured down to sub-1V levels. Output accuracy
is better than ±1% over variations in load, line, and tem-
perature. Internal soft-start reduces inrush current dur-
ing startup.
All devices feature power-on reset (POR). The
MAX1971 includes a reset input (RSI), which forces
POR low for 175ms after RSI goes low. The MAX1970
and MAX1972 include an open-drain power-fail output
(PFO) that monitors input voltage and goes high when
the input falls below 3.94V. For USB-powered xDSL
modems, this output can be used to detect USB power
failure. A minimum switching frequency of 1.2MHz
ensures operation outside the xDSL band.
Applications
Features
o Current-Mode, 1.4MHz Fixed-Frequency PWM
Operation
o 180° Out-of-Phase Operation Reduces Input
Capacitor
o ±1% Output Accuracy Over Load, Line, and
Temperature Ranges
o 750mA Guaranteed Output Current
o 2.6V to 5.5V Input
o Power-On Reset Delay of 16.6ms (MAX1970) or
175ms (MAX1971 and MAX1972)
o Power-Fail Output (MAX1970 and MAX1972 Only)
o Power-On Reset Input (MAX1971 Only)
o Operation Outside xDSL Band
o Ultra-Compact Design with Smallest External
Components
o Outputs Adjustable from 0.8V to VIN or 1.8V/3.3V
and 1.5V/2.5V Preset
o All-Ceramic Capacitor Application
o Soft-Start Reduces Inrush Current
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
LX1
PGND
LX2
IN
FBSEL1
FBSEL2
PF0 (MAX1970/MAX1972)
RSI (MAX1971)
EN
POR
TOP VIEW
MAX1970
MAX1971
MAX1972
QSOP
VCC
COMP1
COMP2
FB1
FB2
REF
GND
Pin Configuration
VCC
VCC
RSI
EN
COMP1
COMP2
FBSEL1
FBSEL2
REF
POR
POR
OUT1
1.8V
750mA
OUT2
2.5V
750mA
RSI
LX1
FB2
FB1
LX2
PGND
IN
MAX1971
EN
VIN 2.6V TO 5.5V
Typical Operating Circuit
19-2297; Rev 1; 2/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
xDSL Modems
xDSL Routers
Copper Gigabit SFP
and GBIC Modules
USB-Powered Devices
Dual LDO Replacement
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX1970EEE
-40
°C to +85°C
16 QSOP
MAX1971EEE
-40
°C to +85°C
16 QSOP
MAX1972EEE
-40
°C to +85°C
16 QSOP


Similar Part No. - MAX1971EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1971EEE MAXIM-MAX1971EEE Datasheet
371Kb / 20P
Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
More results

Similar Description - MAX1971EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1875 MAXIM-MAX1875 Datasheet
493Kb / 21P
Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR
Rev 0; 7/02
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
logo
Intersil Corporation
ISL6402A INTERSIL-ISL6402A Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
logo
Maxim Integrated Produc...
MAX8529 MAXIM-MAX8529 Datasheet
447Kb / 21P
1.5MHz Dual 180 Out-of-Phase PWM Step-Down Controller with POR
Rev 0; 1/03
MAX8529 MAXIM-MAX8529_07 Datasheet
368Kb / 20P
1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Rev 1; 4/07
logo
Intersil Corporation
ISL6441 INTERSIL-ISL6441 Datasheet
340Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller
May 26, 2009
ISL6445 INTERSIL-ISL6445 Datasheet
259Kb / 15P
1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
June 3, 2008
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6402A RENESAS-ISL6402A Datasheet
797Kb / 18P
1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
Dec 1, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com