Electronic Components Datasheet Search
  English  ▼

X  

MAX1971EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1971EEE
Description  Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1971EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
8
_______________________________________________________________________________________
IOUT1
VOUT1
40
µs/div
VIN = 5V
VOUT1 = 3.3V, 100mV/div
IOUT1 = 300mA TO 600mA
RC1 = 82k
Ω, CC1 = 680pF
LOAD-TRANSIENT RESPONSE
MAX1970/MAX1972
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
IOUT2
VOUT2
40
µs/div
VIN = 5V
VOUT2 = 1.5V, 100mV/div
IOUT2 = 300mA TO 600mA
RC2 = 39k
Ω, CC2 = 680pF
LOAD-TRANSIENT RESPONSE
MAX1970/MAX1972
VLX1
IL2
VLX2
IL1
200ns/div
MAX1970TOC11
VIN = 5V
VOUT1 = 1.8V, VOUT2 = 2.5V
IOUT1 = 500mA, IOUT2 = 500mA
SWITCHING WAVEFORMS
MAX1970/MAX1972
5V/div
200mA/div
5V/div
200mA/div
14
0
0.01
0.1
1
10
MAXIMUM OUTPUT TRANSIENT DURATION
vs. POR COMPARATOR OVERDRIVE
2
MAXIMUM OUTPUT TRANSIENT DURATION (
µs)
6
4
8
10
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com