Electronic Components Datasheet Search
  English  ▼

X  

MX7705 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MX7705 Datasheet HTML 5Page - Maxim Integrated Products MX7705 Datasheet HTML 6Page - Maxim Integrated Products MX7705 Datasheet HTML 7Page - Maxim Integrated Products MX7705 Datasheet HTML 8Page - Maxim Integrated Products MX7705 Datasheet HTML 9Page - Maxim Integrated Products MX7705 Datasheet HTML 10Page - Maxim Integrated Products MX7705 Datasheet HTML 11Page - Maxim Integrated Products MX7705 Datasheet HTML 12Page - Maxim Integrated Products MX7705 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
_______________________________________________________________________________________
9
Table 2. Peak-to-Peak Resolution vs. Gain and Output Data Rate (VDD = 5V)
TYPICAL PEAK-TO-PEAK RESOLUTION (BITS)
GAIN
FILTER FIRST
NOTCH AND
OUTPUT DATA RATE
-3dB FREQUENCY
1
2
4
8
16
32
64
128
BUFFERED (fCLKIN = 1MHz)
20Hz
5.24Hz
16
16
16
16
16
15
14
13
25Hz
6.55Hz
16
16
16
16
16
15
14
13
100Hz
26.2Hz
12
12
12
12
12
12
12
11
200Hz
52.4Hz
10
10
10
10
10
10
10
9
UNBUFFERED (fCLKIN = 1MHz)
20Hz
5.24Hz
16
16
16
16
16
15
14
13
25Hz
6.55Hz
16
16
16
16
16
15
14
13
100Hz
26.2Hz
12
12
12
12
12
12
12
11
200Hz
52.4Hz
10
10
10
10
10
10
10
9
BUFFERED (fCLKIN = 2.4576MHz)
50Hz
13.1Hz
16
16
16
16
16
15
14
13
60Hz
15.72Hz
16
16
16
16
16
15
14
13
250Hz
65.5Hz
12
12
13
12
12
12
12
11
500Hz
131Hz
10
10
11
10
10
10
10
9
UNBUFFERED (fCLKIN = 2.4576MHz)
50Hz
13.1Hz
16
16
16
16
16
15
14
13
60Hz
15.72Hz
16
16
16
16
16
15
14
13
250Hz
65.5Hz
12
12
12
12
12
12
12
11
500Hz
131Hz
10
10
10
10
10
10
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com