Electronic Components Datasheet Search
  English  ▼

X  

MX7705 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MX7705 Datasheet HTML 2Page - Maxim Integrated Products MX7705 Datasheet HTML 3Page - Maxim Integrated Products MX7705 Datasheet HTML 4Page - Maxim Integrated Products MX7705 Datasheet HTML 5Page - Maxim Integrated Products MX7705 Datasheet HTML 6Page - Maxim Integrated Products MX7705 Datasheet HTML 7Page - Maxim Integrated Products MX7705 Datasheet HTML 8Page - Maxim Integrated Products MX7705 Datasheet HTML 9Page - Maxim Integrated Products MX7705 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
6
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VDD = 3V or 5V, GND = 0, VREF+ = 1.225V for VDD = 3V and VREF+ = 2.5V for VDD = 5V, VREF- = GND, external fCLKIN =
2.4576MHz, CLKDIV bit = 0, CREF+ to GND = 0.1µF, CREF- to GND = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.) (Note 16)
(Figures 8, 9)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRDY High Time
500 /
fCLKIN
s
Reset Pulse-Width Low
100
ns
DRDY Fall to CS Fall Setup Time
t1
0ns
CS Fall to SCLK Rise Setup Time
t2
120
ns
VDD = 4.75V to 5.25V
0
80
SCLK Fall to DOUT Valid Delay
t3
VDD = 2.7V to 3.6V
0
100
ns
SCLK Pulse-Width High
t4
100
ns
SCLK Pulse-Width Low
t5
100
ns
CS Rise to SCLK Rise Hold Time
t6
0ns
VDD = 4.75V to 5.25V
60
Bus Relinquish Time After SCLK
Rising Edge
t7
VDD = 2.7V to 3.6V
100
ns
SCLK Fall to
DRDY Rise Delay
t8
100
ns
DIN to SCLK Setup Time
t9
30
ns
DIN to SCLK Hold Time
t10
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com