| Electronic Components Datasheet Search |
|
MX7705 Datasheet(PDF) 28 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MX7705 Datasheet(HTML) 28 Page - Maxim Integrated Products |
|
28 / 33 page ![]() Using FSYNC When FSYNC = 1, the digital filter and analog modula- tor are in a reset state, inhibiting normal operation. Set FSYNC = 0 to begin calibration or conversion. When configured for normal operation (MD0 and MD1 set to 0), DRDY goes low 3 x 1/output data rate after FSYNC goes low to indicate that the new conversion result is ready to be read from the data register. DRDY returns high when a read operation on the data register is complete. As long as FSYNC remains low, the MX7705 performs free-running conversions with the data registers updating at the output data rate. If the valid data is not read before the next conversion result is ready, DRDY returns high for 500 x 1/fCLKIN before going low again to indicate a new conversion. Set FSYNC = 1 to stop converting data. If FSYNC goes high while DRDY is low (indicating that valid data has not yet been read from the data regis- ter), DRDY does not reset high. DRDY remains low until the new data is read from the data register or until FSYNC goes low to begin a new conversion. Table 15 provides the duration-to-mode bits and dura- tion-to-DRDY for each calibration sequence. Duration-to- mode bits provide the time required for the calibration sequence to complete (MD1 and MD0 return to 0). Duration-to-DRDY provides the time until the first conver- sion result is valid in the data register (DRDY goes low). The pipeline delay necessary to ensure that the first conversion result is valid is tP (tP = 2000 x 1/fCLKIN). When selecting self-calibration (MD1 = 0, MD0 = 1), DRDY goes low 9 x 1/output data rate + tP after FSYNC goes low (or after a write operation to the setup register with MD1 = 0 and MD0 = 1 is performed while FSYNC is already low) to indicate new data in the data register. The pipeline delay required to ensure that the first con- version result is valid is tP (tP = 2000 x 1/fCLKIN). When zero-scale or full-scale calibration is selected, DRDY goes low 4 x 1/output data rate + tP after FSYNC goes low (or while the zero-scale or full-scale calibra- tion command is issued when FSYNC is already low) to indicate new data in the data register (see the Calibration section). Calibration To compensate for errors introduced by temperature variations or system DC offsets, perform an on-chip cal- ibration. Select calibration options by writing to the MD1 and MD0 bits in the setup register (Table 9). Calibration removes gain and offset errors from the device and/or the system. Recalibrate with changes in ambient temperature, supply voltage, bipolar/unipolar mode, PGA gain, and output data rate. The MX7705 offers two calibration modes, self-calibra- tion and system calibration. The channels of the MX7705 are independently calibrated (Table 8). The calibration coefficients resulting from a calibration sequence on a selected channel are stored in the corre- sponding offset and gain-register pair. Self- and system calibration automatically calculate the offset and gain coefficients, which are written to the off- set and gain registers. These offset and gain coeffi- cients provide offset and gain-error correction for the specified channel. Self-Calibration Self-calibration compensates for offset and gain errors internal to the ADC. Prior to calibration, set the PGA gain, unipolar/bipolar mode, and input channel setting. During self-calibration, AIN+ and AIN- of the selected channel are internally shorted together. The ADC calibrates this condition as the zero-scale output level. For bipolar mode, this zero-scale point is the midscale of the bipolar transfer function. 16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC 28 ______________________________________________________________________________________ Table 15. Calibration Sequences CALIBRATION TYPE (MD1, MD0) CALIBRATION SEQUENCE DURATION-TO-MODE BITS* DURATION TO DRDY** Self-calibration (0,1) Internal zero-scale calibration at selected gain + internal full-scale calibration at selected gain 6 x 1/output data rate 9 x 1/output data rate + tP Zero-scale system calibration (1,0) Zero-scale calibration on AIN at selected gain 3 x 1/output data rate 4 x 1/output data rate + tP Full-scale system calibration (1,1) Full-scale calibration on AIN at selected gain 3 x 1/output data rate 4 x 1/output data rate + tP * Duration-to-mode bits represents the completion of the calibration sequence. ** Duration to DRDY represents the time at which a new conversion result is available in the data register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |