Electronic Components Datasheet Search
  English  ▼

X  

SP503 Datasheet(PDF) 12 Page - Exar Corporation

Part # SP503
Description  Multiprotocol Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP503 Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP503 Datasheet HTML 8Page - Exar Corporation SP503 Datasheet HTML 9Page - Exar Corporation SP503 Datasheet HTML 10Page - Exar Corporation SP503 Datasheet HTML 11Page - Exar Corporation SP503 Datasheet HTML 12Page - Exar Corporation SP503 Datasheet HTML 13Page - Exar Corporation SP503 Datasheet HTML 14Page - Exar Corporation SP503 Datasheet HTML 15Page - Exar Corporation SP503 Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
SP503_101_101508
SP503 Multiprotocol Transceiver
© Copyright 2008 Exar Corporation
12
There are three basic types of receivers —
RS-232, RS-423, and RS-485. The RS-232
receiver is a single–ended input with a threshold
of 0.8V to 2.4V. The RS-232 receiver has an
operating voltage range of ±15V and can re-
ceive signals up to 120kbps. RS-232 receivers
are used in RS-232 mode for all signal types,
and in V.35 mode for control line signals.
The RS-423 receivers are also single–ended but
have an input threshold as low as ±200mV. The
input impedance is guaranteed to be greater than
4k
Ω, with an operating voltage range of ±7V.
The RS-423 receivers can operate up to 120kbps.
RS-423 receivers are used for the IC signal in
RS-449 and EIA-530 modes, as shown in Table
2.
The third type of receiver supports RS-485,
which is a differential interface mode. The
RS-485 receiver has an input impedance of
15k
Ω and a differential threshold of ±200mV.
Since the characteristics of an RS-422 receiver
are actually subsets of RS-485, the receivers for
RS-422 requirements are identical to the
RS-485 receivers. RS-422 receivers are used in
RS-449 and EIA-530 for receiving clock, data,
and some control line signals. The RS-485
receivers are also used for the V.35 mode. V.35
levels require the ±0.55V signals with a load of
100
Ω. In order to meet the V.35 input imped-
ance of 100
Ω, the external termination network
Pin Label
Mode:
RS-232
V.35
RS-422
RS-485
RS-449
EIA-530
RDEC
3–RDEC0
0000
0010
1110
0100
0101
1100
1101
RD(a)
Undefined
RS-232
V.35–
RS-422–
RS-485–
RS-422–
RS-422–
RD(b)
Undefined
15k
Ω to GND
V.35+
RS-422+
RS-485+
RS-422+
RS-422+
RT(a)
Undefined
RS-232
V.35–
RS-422–
RS-485–
RS-422–
RS-422–
RT(b)
Undefined
15k
Ω to GND
V.35+
RS-422+
RS-485+
RS-422+
RS-422+
CS(a)
Undefined
RS-232
RS-232
RS-422–
RS-485–
RS-422–
RS-422–
CS(b)
Undefined
15k
Ω to GND
15k
Ω to GND
RS-422+
RS-485+
RS-422+
RS-422+
DM(a)
Undefined
RS-232
RS-232
RS-422–
RS-485–
RS-422–
RS-422–
DM(b)
Undefined
15k
Ω to GND
15k
Ω to GND
RS-422+
RS-485+
RS-422+
RS-422+
RR(a)
Undefined
RS-232
RS-232
RS-422–
RS-485–
RS-422–
RS-422–
RR(b)
Undefined
15k
Ω to GND
15k
Ω to GND
RS-422+
RS-485+
RS-422+
RS-422+
IC(a)
Undefined
RS-232
RS-232
RS-422–
RS-485–
RS-423
RS-423
IC(b)
Undefined
15k
Ω to GND
15k
Ω to GND
RS-422+
RS-485+
15k
Ω to GND
15k
Ω to GND
SCT(a)
Undefined
RS-232
V.35–
RS-422–
RS-485–
RS-422–
RS-422–
SCT(b)
Undefined
15k
Ω to GND
V.35+
RS-422+
RS-485+
RS-422+
RS-422+
Receivers
The SP503 has seven (7) independent receivers
which can be programmed for six (6) different
interface modes. One of the seven (7) receivers
(SCT) has an active–high enable control, as
shown in the Mode Diagrams.
Control for the mode selection is done via a 4–
bit control word that is independent from the
driver control word. The coding for the drivers
and receivers is identical. Therefore, if the modes
for the drivers and receivers are supposed to be
identical in the application, the control lines can
be tied together.
Like the drivers, the receivers are pre-arranged
for the specific requirements of the interface. As
the operating mode of the receivers is changed,
the electrical characteristics will change to sup-
port the requirements of clock, data, and control
line receivers. Table 2 shows a summary of the
electrical characteristics of the receivers in the
different interface modes. Unused receiver in-
puts can be left floating without causing oscilla-
tion. To ensure a desired state of the receiver
output, a pull–up resistor of 100k
Ω to +5V
should be connected to the inverting input for a
logic low, or the non–inverting input for a logic
high. For single-ended receivers, a pull–down
resistor to ground of 5k
Ω is internally con-
nected, which will ensure a logic high output.
Table 2. SP503 Receivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com